Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS118D Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS118D
Description  Smart Lowside Power Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS118D Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS118D Datasheet HTML 1Page - Infineon Technologies AG BTS118D Datasheet HTML 2Page - Infineon Technologies AG BTS118D Datasheet HTML 3Page - Infineon Technologies AG BTS118D Datasheet HTML 4Page - Infineon Technologies AG BTS118D Datasheet HTML 5Page - Infineon Technologies AG BTS118D Datasheet HTML 6Page - Infineon Technologies AG BTS118D Datasheet HTML 7Page - Infineon Technologies AG BTS118D Datasheet HTML 8Page - Infineon Technologies AG BTS118D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004-03-05
Page 2
BTS 118 D
Maximum Ratings at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Drain source voltage
VDS
42
V
Supply voltage for full short circuit protection
Vbb(SC)
42
Continuous input voltage1)
VIN
-0.2 2) ... +10
Continuous input current2)
-0.2V
£ VIN £ 10V
VIN < -0.2V or VIN > 10V
IIN
self limited
| IIN |
£ 2
mA
Operating temperature
Tj
-40 ...+150
°C
Storage temperature
Tstg
-55 ... +150
Power dissipation 5)
TC = 85 °C
6cm2 cooling area , TA = 85 °C
Ptot
21
1.1
W
Unclamped single pulse inductive energy 2)
EAS
2
J
Load dump protection VLoadDump2)3) = VA + VS
VIN = 0 and 10 V, td = 400 ms, RI = 2 W,
RL = 6 W, VA = 13.5 V
VLD
58
V
VESD
2
kV
40/150/56
Thermal resistance
junction - case:
RthJC
3
K/W
SMD: junction - ambient
@ min. footprint
@ 6 cm2 cooling area 4)
RthJA
115
55
1For input voltages beyond these limits IIN has to be limited.
2not subject to production test, specified by design
3VLoaddump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
4 Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70µm thick) copper area for drain
connection. PCB mounted vertical without blown air.
5not subject to production test, calculated by RthJA and Rds(on)
Electrostatic discharge voltage2) (Human Body Model)
according to
Jedec norm
EIA/JESD22-A114-B, Section 4
Jedec humidity category,J-STD-20-B
IEC climatic category; DIN
EN 60068-1
MSL1


Similar Part No. - BTS118D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
282Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2006-12-22
BTS118D INFINEON-BTS118D_06 Datasheet
282Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2006-12-22
More results

Similar Description - BTS118D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
OBTS917 SIEMENS-OBTS917 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com