Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACTQ821F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ821F
Description  Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ821F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ821F Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ821F Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ821F Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ821F Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ821F Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ821F Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ821F Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ821F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54ACTQ821
Quiet Series 10-Bit D Flip-Flop with TRI-STATE® Outputs
General Description
The ACTQ821 is a 10-bit D flip-flop with non-inverting
TRI-STATE outputs arranged in a broadside pinout. The
ACTQ821 utilizes NSC Quiet Series technology to guaran-
tee quiet output switching and improved dynamic threshold
performance. FACT Quiet Seriesfeatures GTOoutput
control and undershoot corrector in addition to a split ground
bus for superior performance.
Features
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Non-inverting TRI-STATE outputs for bus interfacing
n 4 kV minimum ESD immunity
n Outputs source/sink 24 mA
n Functionally identical to the AM29821
Logic Symbols
Pin Names
Description
D
0–D9
Data Inputs
O
0–O9
Data Outputs
OE
Output Enable Input
CP
Clock Input
Connection Diagrams
GTOis a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
FACT Quiet Seriesis a trademark of Fairchild Semiconductor Corporation.
DS100247-1
IEEE/IEC
DS100247-2
Pin Assignment
for DIP and Flatpak
DS100247-3
Pin Assignment for LCC
DS100247-4
August 1998
© 1998 National Semiconductor Corporation
DS100247
www.national.com


Similar Part No. - 54ACTQ821F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ827 NSC-54ACTQ827 Datasheet
142Kb / 8P
   Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
54ACTQ827F NSC-54ACTQ827F Datasheet
142Kb / 8P
   Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
54ACTQ827L NSC-54ACTQ827L Datasheet
142Kb / 8P
   Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
54ACTQ827SD NSC-54ACTQ827SD Datasheet
142Kb / 8P
   Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54ACTQ821F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACQ821 NSC-54ACQ821 Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54ACTQ574 NSC-54ACTQ574 Datasheet
189Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54AC821 NSC-54AC821 Datasheet
163Kb / 8P
   10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ821 FAIRCHILD-74ACTQ821_00 Datasheet
78Kb / 7P
   Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ16374 NSC-54ACTQ16374 Datasheet
80Kb / 6P
   16-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ821 FAIRCHILD-74ACTQ821 Datasheet
68Kb / 7P
   Quiet Seriesa??10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ABT16374 NSC-54ABT16374 Datasheet
131Kb / 6P
   16-Bit D Flip-Flop with TRI-STATE Outputs
SCAN18374T NSC-SCAN18374T Datasheet
162Kb / 14P
   D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ823 FAIRCHILD-74ACTQ823_00 Datasheet
80Kb / 7P
   Quiet Series 9-Bit D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com