Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39015J28R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD39015J28R
Description  150 mA low quiescent current low noise voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015J28R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD39015J28R Datasheet HTML 3Page - STMicroelectronics LD39015J28R Datasheet HTML 4Page - STMicroelectronics LD39015J28R Datasheet HTML 5Page - STMicroelectronics LD39015J28R Datasheet HTML 6Page - STMicroelectronics LD39015J28R Datasheet HTML 7Page - STMicroelectronics LD39015J28R Datasheet HTML 8Page - STMicroelectronics LD39015J28R Datasheet HTML 9Page - STMicroelectronics LD39015J28R Datasheet HTML 10Page - STMicroelectronics LD39015J28R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID15968 Rev 4
7/16
LD39015J
Electrical characteristics
16
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
1.5
5.5
V
VUVLO
Turn-on threshold
1.45
1.48
V
Turn-off threshold
1.30
1.35
mV
VOUT
VOUT accuracy
VOUT > 1.5 V, IOUT = 1 mA,
TJ = 25 °C
-2.0
2.0
%
VOUT > 1.5 V, IOUT = 1 mA,
-40 °C < TJ < 125 °C
-3.0
3.0
VOUT ≤ 1.5 V, IOUT = 1 mA
±10
mV
VOUT ≤ 1.5 V, IOUT = 1 mA,
-40 °C < TJ < 125 °C
±30
ΔVOUT Static line regulation
VOUT +1 V ≤ VIN ≤ 5.5 V,
IOUT = 1 mA
0.01
%/V
ΔVOUT Static load regulation
IOUT = 1 mA to 150 mA
0.002
%/mA
VDROP Dropout voltage
(1)
IOUT = 100 mA, VOUT > 1.5 V
-40 °C < TJ < 125 °C
90
130
mV
eN
Output noise voltage
10 Hz to 100 kHz, IOUT = 10 mA,
VOUT = 1.8 V, VIN = 2.8 V
54
µVRMS
SVR
Supply voltage rejection
VOUT = 1.5V
VIN = VOUTNOM + 1 V +/-VRIPPLE
VRIPPLE = 0.1 V, freq. = 1 kHz
IOUT = 10 mA
74
dB
VIN = VOUTNOM + 0.5 V +/-VRIPPLE
VRIPPLE = 0.1 V, Freq.=10 kHz
IOUT = 10 mA
67
IQ
Quiescent current
IOUT = 0 mA
20
µA
IOUT = 0 mA, -40 °C < TJ < 125 °C
40
IOUT = 0 to 150 mA
35
IOUT = 0 to 150 mA
-40 °C < TJ< 125 °C
50
VIN input current in OFF MODE:
VEN = GND
0.003
1
ISC
Short circuit current
RL = 0
200
mA


Similar Part No. - LD39015J28R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015J28R STMICROELECTRONICS-LD39015J28R Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
More results

Similar Description - LD39015J28R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com