Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM400HC-24NFM Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CM400HC-24NFM
Description  Single IGBT NFM-Series Module 400 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM400HC-24NFM Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CM400HC-24NFM Datasheet HTML 1Page - Powerex Power Semiconductors CM400HC-24NFM Datasheet HTML 2Page - Powerex Power Semiconductors CM400HC-24NFM Datasheet HTML 3Page - Powerex Power Semiconductors CM400HC-24NFM Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CM400HC-24NFM
Single IGBT NFM-Series Module
400 Amperes/1200 Volts

Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
02/07
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi)
100
10-5
10-4
10-3
10-1
10-2
10-3
10-3
10-2
10-1
100
101
10-1
10-2
10-3
Single Pulse
TC = 25°C
Under the Chip
Per Unit Base =
Rth(j-c) =
0.46
°C/W
(IGBT)
Rth(j-c) =
0.07
°C/W
(FWDi)
GATE CHARGE, Q
G, (nC)
GATE CHARGE VS. VGE
20
0
15
10
5
0
400
800
2000
1200
1600
VCC = 600V
VCC = 400V
IC = 400A
COLLECTOR CURRENT, I
C, (AMPERES)
102
101
102
101
100
VCC = 600V
VGE = ±15V
RG = 0.78Ω
Tj = 125°C
Inductive Load
VCC = 600V
VGE = ±15V
IC = 400A
Tj = 125°C
Inductive Load
103
SWITCHING LOSS VS.
COLLECTOR CURRENT (TYPICAL)
GATE RESISTANCE, R
G, (Ω)
102
100
101
101
100
102
SWITCHING LOSS VS.
GATE RESISTANCE (TYPICAL)
Eon
Eoff
COLLECTOR CURRENT, I
C, (AMPERES)
102
101
102
101
100
VCC = 600V
VGE = ±15V
RG = 0.78Ω
Tj = 125°C
Inductive Load
103
REVERSE RECOVERY SWITCHING LOSS VS.
COLLECTOR CURRENT (TYPICAL)
Eon
Eoff
VCC = 600V
VGE = ±15V
IC = 400A
Tj = 125°C
Inductive Load
GATE RESISTANCE, R
G, (Ω)
102
100
101
101
100
102
REVERSE RECOVERY SWITCHING LOSS VS.
GATE RESISTANCE (TYPICAL)


Similar Part No. - CM400HC-24NFM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM400HA-12H MITSUBISHI-CM400HA-12H Datasheet
43Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM400HA-12H POWEREX-CM400HA-12H Datasheet
66Kb / 4P
   Single IGBTMOD 400 Amperes/600 Volts
logo
Mitsubishi Electric Sem...
CM400HA-24 MITSUBISHI-CM400HA-24 Datasheet
43Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM400HA-24 POWEREX-CM400HA-24 Datasheet
57Kb / 4P
   Single IGBTMOD 400 Amperes/1200 Volts
CM400HA-24A POWEREX-CM400HA-24A Datasheet
235Kb / 4P
   Single IGBTMOD??A-Series Module 400 Amperes/1200 Volts
More results

Similar Description - CM400HC-24NFM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM600HC-24NFM POWEREX-CM600HC-24NFM Datasheet
349Kb / 4P
   Single IGBT NFM-Series Module 600 Amperes/1200 Volts
CM150DC-24NFM POWEREX-CM150DC-24NFM Datasheet
342Kb / 4P
   Dual IGBT NFM-Series Module 150 Amperes/1200 Volts
CM200DC-24NFM POWEREX-CM200DC-24NFM Datasheet
342Kb / 4P
   Dual IGBT NFM-Series Module 200 Amperes/1200 Volts
CM300DC-24NFM POWEREX-CM300DC-24NFM Datasheet
343Kb / 4P
   Dual IGBT NFM-Series Module300 Amperes/1200 Volts
CM400HA-24A POWEREX-CM400HA-24A_10 Datasheet
432Kb / 4P
   Single IGBTMOD A-Series Module 400 Amperes/1200 Volts
CM400HA-24A POWEREX-CM400HA-24A Datasheet
235Kb / 4P
   Single IGBTMOD??A-Series Module 400 Amperes/1200 Volts
KS621240 POWEREX-KS621240 Datasheet
407Kb / 4P
   Single Darlington Transistor Module 400 Amperes/1200 Volts
CM600HA-24A POWEREX-CM600HA-24A_13 Datasheet
820Kb / 7P
   Single IGBT A-Series Module 600 Amperes/1200 Volts
CM400HA-24H POWEREX-CM400HA-24H Datasheet
57Kb / 4P
   Single IGBTMOD 400 Amperes/1200 Volts
CM400HU-24H POWEREX-CM400HU-24H Datasheet
56Kb / 4P
   Single IGBTMOD 400 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com