Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS247Z Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS247Z
Description  Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS247Z Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS247Z Datasheet HTML 2Page - Infineon Technologies AG BTS247Z Datasheet HTML 3Page - Infineon Technologies AG BTS247Z Datasheet HTML 4Page - Infineon Technologies AG BTS247Z Datasheet HTML 5Page - Infineon Technologies AG BTS247Z Datasheet HTML 6Page - Infineon Technologies AG BTS247Z Datasheet HTML 7Page - Infineon Technologies AG BTS247Z Datasheet HTML 8Page - Infineon Technologies AG BTS247Z Datasheet HTML 9Page - Infineon Technologies AG BTS247Z Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2000-05-17
6
BTS 247 Z
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj = 25°C, unless otherwise specified
min.
typ.
max.
Sensor Characteristics
Temperature sensor leakage current
Tj = 150 °C
IAK(off)
-
-
4
µA
Min. reset pulse duration 1)
Tj = -40...+150 °C, IAK(on) = 0.3 mA,
VAK(Reset)<0.5V
treset
100
-
-
µs
VAK Recovery time1)2)
Tj = -40...+150 °C, IAK(on) = 0.3 mA
trecovery
-
-
150
Characteristics
Holding current, VAK(off) = 5V
Tj = 25 °C
Tj = 150 °C
IAK(hold)
0.05
0.05
-
-
0.5
0.3
mA
Thermal trip temperature
VTS = 5V
TTS(on)
150
160
170
°C
Turn-off time (Pin G+A and K+S connected)
VTS = 5V, ITS(on) = 2 mA
toff
0.5
-
2.5
µs
Reset voltage
Tj = -40...+150°C
VAK(reset) 0.5
-
-
V
Sensor recovery behaviour:
V
AK [V ]
t
re s e t
t
r e co ve ry
5
4
0
ON R e s e t
O F F
Se n s o r
Se n s o r RE SET
1See diagram Sensor recovery behaviour
2Time after reset pulse until VAK reaches 4V again


Similar Part No. - BTS247Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS247Z INFINEON-BTS247Z Datasheet
269Kb / 13P
   Enhancement mode
Rev.1.4, 2013-07-26
BTS247Z INFINEON-BTS247Z_09 Datasheet
312Kb / 14P
   Speed TEMPFET
Rev.1.3, 2009-12-04
BTS247Z INFINEON-BTS247Z_13 Datasheet
269Kb / 13P
   Enhancement mode
Rev.1.4, 2013-07-26
More results

Similar Description - BTS247Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS244Z INFINEON-BTS244Z Datasheet
274Kb / 12P
   Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
2000-05-17
BTS282Z INFINEON-BTS282Z Datasheet
270Kb / 12P
   Speed TEMPFET(N-Channel Enhancement mode Logic Level Input Potential-free temperature sensor with thyristor characteristics)
2000-09-11
BTS132 INFINEON-BTS132 Datasheet
528Kb / 10P
   TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
logo
Siemens Semiconductor G...
BTS113A SIEMENS-BTS113A Datasheet
309Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS132 SIEMENS-BTS132 Datasheet
289Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS131 INFINEON-BTS131 Datasheet
525Kb / 10P
   TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
logo
Siemens Semiconductor G...
BTS115A SIEMENS-BTS115A Datasheet
307Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS121A SIEMENS-BTS121A Datasheet
324Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
BTS131 SIEMENS-BTS131 Datasheet
295Kb / 9P
   TEMPFET (N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
logo
Infineon Technologies A...
BTS113A INFINEON-BTS113A Datasheet
548Kb / 10P
   TEMPFET(N-channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
19.02.04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com