Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB27NM60ND Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB27NM60ND
Description  Low input capacitance and gate charge
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB27NM60ND Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB27NM60ND Datasheet HTML 3Page - STMicroelectronics STB27NM60ND Datasheet HTML 4Page - STMicroelectronics STB27NM60ND Datasheet HTML 5Page - STMicroelectronics STB27NM60ND Datasheet HTML 6Page - STMicroelectronics STB27NM60ND Datasheet HTML 7Page - STMicroelectronics STB27NM60ND Datasheet HTML 8Page - STMicroelectronics STB27NM60ND Datasheet HTML 9Page - STMicroelectronics STB27NM60ND Datasheet HTML 10Page - STMicroelectronics STB27NM60ND Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID15406 Rev 4
7/19
STB27NM60ND, STW27NM60ND
Electrical characteristics
19
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for D²PAK
Figure 3. Thermal impedance for D²PAK
Figure 4. Safe operating area for TO-247
Figure 5. Thermal impedance for TO-247
Figure 6. Output characteristics
Figure 7. Transfer characteristics


Similar Part No. - STB27NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB270N04 STMICROELECTRONICS-STB270N04 Datasheet
268Kb / 14P
   N-CHANNEL 40V - 2.1m-ohm - 160A - TO-220 - D-2PAK - I-2PAK STripFET-TM Power MOSFET
STB270N04-1 STMICROELECTRONICS-STB270N04-1 Datasheet
268Kb / 14P
   N-CHANNEL 40V - 2.1m-ohm - 160A - TO-220 - D-2PAK - I-2PAK STripFET-TM Power MOSFET
STB270N4F3 STMICROELECTRONICS-STB270N4F3 Datasheet
450Kb / 15P
   N-channel 40V - 2.1m ohm - 160A - TO-220 - D2PAK - I2PAK STripFE TM Power MOSFET
STB270N4F3 STMICROELECTRONICS-STB270N4F3 Datasheet
380Kb / 15P
   N-channel 40 V - 2.1 m廓 - 160 A - TO-220 - D2PAK - I2PAK STripFET??Power MOSFET
STB270N4F3 STMICROELECTRONICS-STB270N4F3 Datasheet
804Kb / 14P
   N-channel 40 V, 1.6 m廓, 160 A, D2PAK, I2PAK STripFET??III Power MOSFET
More results

Similar Description - STB27NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
   Low gate charge and input capacitance
November 2015 Rev 2
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STB7ANM60N STMICROELECTRONICS-STB7ANM60N Datasheet
1Mb / 20P
   Low input capacitance and gate charge
STFI24NM60N STMICROELECTRONICS-STFI24NM60N Datasheet
804Kb / 12P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com