Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFI24NM60N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFI24NM60N
Description  Low input capacitance and gate charge
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI24NM60N Datasheet(HTML) 1 Page - STMicroelectronics

  STFI24NM60N Datasheet HTML 1Page - STMicroelectronics STFI24NM60N Datasheet HTML 2Page - STMicroelectronics STFI24NM60N Datasheet HTML 3Page - STMicroelectronics STFI24NM60N Datasheet HTML 4Page - STMicroelectronics STFI24NM60N Datasheet HTML 5Page - STMicroelectronics STFI24NM60N Datasheet HTML 6Page - STMicroelectronics STFI24NM60N Datasheet HTML 7Page - STMicroelectronics STFI24NM60N Datasheet HTML 8Page - STMicroelectronics STFI24NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
July 2014
DocID022440 Rev 3
1/12
STFI24NM60N
N-channel 600 V, 0.168
Ω typ., 17 A MDmesh™ II Power MOSFET
in a I²PAKFP package
Datasheet
production data
Figure 1. Internal schematic diagram
Features
• Fully insulated and low profile package with
increased creepage path from pin to heatsink
plate
• 100% avalanche tested
• Low input capacitance and gate charge
• Low gate input resistance
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using the second generation of
MDmesh™ technology. This revolutionary Power
MOSFET associates a vertical structure to the
company’s strip layout to yield one of the world’s
lowest on-resistance and gate charge. It is
therefore suitable for the most demanding high
efficiency converters.
I2PAKFP
1
2
3
(TO-281)
Order codes
VDS @Tjmax
RDS(on) max.
ID
STFI24NM60N
650 V
0.19
17 A
Table 1. Device summary
Order code
Marking
Packages
Packaging
STFI24NM60N
24NM60N
I2PAKFP (TO-281)
Tube
www.st.com


Similar Part No. - STFI24NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI24N60M2 STMICROELECTRONICS-STFI24N60M2 Datasheet
1Mb / 14P
   N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in TO-220FP and I2PAKFP packages
More results

Similar Description - STFI24NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
   Low input capacitance and gate charge
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
   Low gate charge and input capacitance
November 2015 Rev 2
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STB7ANM60N STMICROELECTRONICS-STB7ANM60N Datasheet
1Mb / 20P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com