Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC4072S12 Datasheet(PDF) 1 Page - XP Power Limited

Part # RDC4072S12
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDC4072S12 Datasheet(HTML) 1 Page - XP Power Limited

  RDC4072S12 Datasheet HTML 1Page - XP Power Limited RDC4072S12 Datasheet HTML 2Page - XP Power Limited RDC4072S12 Datasheet HTML 3Page - XP Power Limited RDC4072S12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RDC40 Series
DC-DC Power Supplies
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
36
55
140
176
VDC
72 V nominal
110 V nominal
Input Current
See models and ratings table
Input Reflected Ripple
20
mA
Through 12 µH inductor and 33 µF capacitor
Input Filter
Pi network
Undervoltage Lockout
OFF: 30.5
OFF: 48.5
ON: 33.5 V
ON: 52.5 V
V
72 V models
110 V models
Input Surge
150
185
VDC
72 V models (for 100 ms)
110 V models (for 100 ms)
The RDC40 series of 40W DC-DC converters are designed for railway applications and comply with
EN50121-3-2, the EMC standard for rolling stock apparatus. There are two input voltage ranges.
The 72 VDC nominal models accept an input from 36 to 140 VDC and the 110 V nominal versions
have a 55 to 176 VDC input. A trim pin allows a +/-10% adjustment for single output models.
Using convection cooling the converters have a wide operating temperature range of -40°C to
+85°C and a maximum case temperature of 105°C.
• 72 & 110 VDC Input for Railway Applications
• Single and Dual Outputs
• 1500 VAC Basic Isolation
• High Power Density
• High Efficiency Up to 90%
• Remote On/Off
• 3 Year Warranty
40 Watts
Dimensions:
RDC40:
2.00 x 1.60 x 0.4” (50.8 x 40.6 x 10.16 mm)
www.xppower.com
Models & Ratings
Notes
Input Voltage
Output Voltage
Output Current
Input Current(1)
Maximum
Capacitive Load
Efficiency
Model Number(2)
No Load
Full Load
36-140 VDC
3.3 V
10.00 A
30 mA
526.82 mA
25000 µF
87.0%
RDC4072S3V3
5.0 V
8.00 A
30 mA
617.28 mA
2000 µF
90.0%
RDC4072S05
12.0 V
3.35 A
25 mA
641.76 mA
2500 µF
87.0%
RDC4072S12
15.0 V
2.65 A
25 mA
627.37 mA
2500 µF
88.0%
RDC4072S15
±12.0 V
±1.65 A
30 mA
632.18 mA
±1600 µF
87.0%
RDC4072D12
±15.0 V
±1.35 A
30 mA
639.20 mA
±1600 µF
88.0%
RDC4072D15
55-176 VDC
3.3 V
10.00 A
20 mA
344.83 mA
25000 µF
87.0%
RDC40110S3V3
5.0 V
8.00 A
25 mA
408.58 mA
2000 µF
89.0%
RDC40110S05
12.0 V
3.35 A
25 mA
420.06 mA
2500 µF
87.0%
RDC40110S12
15.0 V
2.65 A
25 mA
410.64 mA
2500 µF
88.0%
RDC40110S15
±12.0 V
±1.65 A
20 mA
413.79 mA
±1600 µF
87.0%
RDC40110D12
±15.0 V
±1.35 A
20 mA
420.78 mA
±1600 µF
87.5%
RDC40110D15
1. Input current specified at nominal 72 V or 110 V input.
2. Add suffix ‘-HK’ for optional heatsink.


Similar Part No. - RDC4072S12

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RDC40 ALPS-RDC40 Datasheet
271Kb / 6P
   Rotary Type
logo
Allied Components Inter...
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC40-100K-RC ALLIED-RDC40-100K-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC40-100K-RC ALLIED-RDC40-100K-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC40-101K-RC ALLIED-RDC40-101K-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
More results

Similar Description - RDC4072S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com