Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACTQ841SD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ841SD
Description  Quiet Series 10-Bit Transparent Latch with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ841SD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54ACTQ841SD Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC + 0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC + 0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC + 0.5V
+20 mA
DC Output Voltage (V
O)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (I
O)
±50 mA
DC V
CC or Ground Current
per Output Pin (I
CC or IGND)
±50 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
DC Latch-Up Source
or Sink Current
±300 mA
Junction Temperature (T
J)
CDIP
175˚C
Recommended Operating
Conditions
Supply Voltage (V
CC)
’ACTQ
4.5V to 5.5V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
54ACTQ
−55˚C to +125˚C
Minimum Input Edge Rate
∆V/∆t
’ACTQ Devices
V
IN from 0.8V to 2.0V
V
CC @ 4.5V, 5.5V
125 mV/ns
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature, and output/input loading variables. National does not recom-
mend operation of FACT® circuits outside databook specifications.
Note 2: All outputs loaded; thresholds on input associated with output under
test.
DC Electrical Characteristics for ’ACTQ Family Devices
Symbol
Parameter
V
CC
(V)
54ACTQ
Units
Conditions
T
A =
−55˚C to +125˚C
Guaranteed Limits
V
IH
Minimum High Level
4.5
2.0
V
V
OUT = 0.1V
Input Voltage
5.5
2.0
or V
CC − 0.1V
V
IL
Maximum Low Level
4.5
0.8
V
V
OUT = 0.1V
Input Voltage
5.5
0.8
or V
CC − 0.1V
V
OH
Minimum High Level
4.5
4.4
V
I
OUT = −50 µA
Output Voltage
5.5
5.4
(Note 3)
V
IN = VIL or VIH
4.5
3.70
V
I
OH = −24 mA
5.5
4.70
I
OH = −24 mA
V
OL
Maximum Low Level
4.5
0.1
V
I
OUT = 50 µA
Output Voltage
5.5
0.1
(Note 3)
V
IN = VIL or VIH
4.5
0.50
V
I
OL = −24 mA
5.5
0.50
I
OL = −24 mA
I
IN
Maximum Input
5.5
±1.0
µA
V
I = VCC, GND
Leakage Current
I
OZ
Maximum
5.5
±10.0
µA
V
I = VIL,VIH
TRI-STATE
V
O = VCC, GND
Leakage Current
I
CCT
Maximum I
CC/Input
5.5
1.6
mA
V
I = VCC − 2.1V
www.national.com
3


Similar Part No. - 54ACTQ841SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821F NSC-54ACTQ821F Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821L NSC-54ACTQ821L Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821SD NSC-54ACTQ821SD Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ827 NSC-54ACTQ827 Datasheet
142Kb / 8P
   Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54ACTQ841SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ841 FAIRCHILD-74ACTQ841_00 Datasheet
76Kb / 7P
   Quiet Series 10-Bit Transparent Latch with 3-STATE Outputs
74ACTQ841 FAIRCHILD-74ACTQ841 Datasheet
66Kb / 7P
   Quiet Seriesa??10-Bit Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ16373 NSC-54ACTQ16373 Datasheet
82Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
54ABT16373 NSC-54ABT16373 Datasheet
117Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
SCAN18373T NSC-SCAN18373T Datasheet
170Kb / 14P
   Transparent Latch with TRI-STATE Outputs
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com