Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACTQ841SD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ841SD
Description  Quiet Series 10-Bit Transparent Latch with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ841SD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54ACTQ841SD Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ841SD Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
85.0
pF
V
CC = 5.0V
Capacitance
AC Loading
AC Waveforms
DS100250-9
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
DS100250-10
FIGURE 2. Test Input Signal Levels
Amplitude
Rep. Rate
t
w
t
r
t
f
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns
FIGURE 3. Test Input Signal Requirements
DS100250-11
FIGURE 4. Propagation Delay Waveforms for
Inverting and Non-Inverting Functions
DS100250-13
FIGURE 5. TRI-STATE Output HIGH and LOW
Enable and Disable Time
www.national.com
5


Similar Part No. - 54ACTQ841SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821F NSC-54ACTQ821F Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821L NSC-54ACTQ821L Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ821SD NSC-54ACTQ821SD Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ827 NSC-54ACTQ827 Datasheet
142Kb / 8P
   Quiet Series 10-Bit Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54ACTQ841SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ841 FAIRCHILD-74ACTQ841_00 Datasheet
76Kb / 7P
   Quiet Series 10-Bit Transparent Latch with 3-STATE Outputs
74ACTQ841 FAIRCHILD-74ACTQ841 Datasheet
66Kb / 7P
   Quiet Seriesa??10-Bit Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ16373 NSC-54ACTQ16373 Datasheet
82Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
54ABT16373 NSC-54ABT16373 Datasheet
117Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
SCAN18373T NSC-SCAN18373T Datasheet
170Kb / 14P
   Transparent Latch with TRI-STATE Outputs
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com