Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC40110D15 Datasheet(PDF) 3 Page - XP Power Limited

Part # RDC40110D15
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDC40110D15 Datasheet(HTML) 3 Page - XP Power Limited

  RDC40110D15 Datasheet HTML 1Page - XP Power Limited RDC40110D15 Datasheet HTML 2Page - XP Power Limited RDC40110D15 Datasheet HTML 3Page - XP Power Limited RDC40110D15 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RDC40 Series
www.xppower.com
DC-DC Power Supplies
3
100
Ambient Temperature (°C)
75
50
35
25
-40
-20
0
20
40
50
75
85
60
80
100
120
Without heat-sink
With heat-sink
Derating Curve
External Output Trim
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
General
Complies with EN50121-3-2, Railway Applications - Electromagnetic Compatibility for Rolling Stock Apparatus
Emissions
EN55011
79 dBµV / 73 dBµV
0.15-0.5 MHz / 0.5-30 MHz
Safety Approvals
EMC: Immunity
Safety Agency
Safety Standard
Notes & Conditions
TUV
EN60950-1:2006 + A12: 2011
Information Technology
CE
LVD & RoHS
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
3A
Radiated
EN61000-4-3
20 V/m
A
EFT
EN61000-4-4
3A
Surges
EN61000-4-5
2A
External Input Capacitor required 220 µF / 250 V
Conducted
EN61000-4-6
10 Vrms
A
Magentic Field
EN61000-4-8
10 A/m
A
Typical Resistor
S3V3
S05
S12
S15
Trim Down 10%
15.3 k
Ω 5.31kΩ 5.3kΩ 5.8kΩ
Trim Up 10%
10.3 k
Ω 10.6kΩ 22.1kΩ 20.0kΩ
R trim-up
R trim-down
6
5
6
4
Output can be externally
trimmed using this method.
On single output versions only.
Application Notes


Similar Part No. - RDC40110D15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RDC401D07A ALPS-RDC401D07A Datasheet
271Kb / 6P
   Rotary Type
RDC401D07A ALPS-RDC401D07A Datasheet
2Mb / 6P
   Rotary sensors catering to diverse position detection needs
logo
List of Unclassifed Man...
RDC401D07A ETC-RDC401D07A Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RDC40110D15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com