Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS4S200B-TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPS4S200B-TR
Description  Power Schottky rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS4S200B-TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPS4S200B-TR Datasheet HTML 5Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 6Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 7Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 8Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 9Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 10Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 11Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 12Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DocID027021 Rev2
9/13
STPS4S200
Package information
Figure 16. SMBflat footprint, dimensions in mm (inches)


Similar Part No. - STPS4S200B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
   Aerospace 2 x 20 A - 100 V Schottky rectifier
STPS40120C STMICROELECTRONICS-STPS40120C Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120CR STMICROELECTRONICS-STPS40120CR Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120CT STMICROELECTRONICS-STPS40120CT Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120C STMICROELECTRONICS-STPS40120C_11 Datasheet
109Kb / 9P
   Power Schottky rectifier
More results

Similar Description - STPS4S200B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com