Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS4S200B-TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS4S200B-TR
Description  Power Schottky rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS4S200B-TR Datasheet(HTML) 2 Page - STMicroelectronics

  STPS4S200B-TR Datasheet HTML 1Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 2Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 3Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 4Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 5Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 6Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 7Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 8Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
STPS4S200
2/13
DocID027021 Rev2
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.63 x IF(AV) + 0.020 IF
2
(RMS)
Table 2. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(RMS)
Forward rms current
10
A
IF(AV)
Average forward current,
δ = 0.5, square
wave
DPAK, Tc = 160 °C
4A
SMC and SMBflat
TL = 125 °C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
130
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature(1)
-40 to +175
°C
1.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
()
--------------------------
<
Table 3. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case, DPAK
3.2
°C/W
Rth(j-l)
Junction to lead, SMBflat and SMC
15
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
5µA
Tj = 125 °C
0.7
2.5
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 4 A
0.87
V
Tj = 125 °C
0.64
0.71
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%


Similar Part No. - STPS4S200B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
   Aerospace 2 x 20 A - 100 V Schottky rectifier
STPS40120C STMICROELECTRONICS-STPS40120C Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120CR STMICROELECTRONICS-STPS40120CR Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120CT STMICROELECTRONICS-STPS40120CT Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120C STMICROELECTRONICS-STPS40120C_11 Datasheet
109Kb / 9P
   Power Schottky rectifier
More results

Similar Description - STPS4S200B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com