Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S6109-A4 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # Q67060-S6109-A4
Description  Smart Highside Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S6109-A4 Datasheet(HTML) 5 Page - Infineon Technologies AG

  Q67060-S6109-A4 Datasheet HTML 1Page - Infineon Technologies AG Q67060-S6109-A4 Datasheet HTML 2Page - Infineon Technologies AG Q67060-S6109-A4 Datasheet HTML 3Page - Infineon Technologies AG Q67060-S6109-A4 Datasheet HTML 4Page - Infineon Technologies AG Q67060-S6109-A4 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S6109-A4 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S6109-A4 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S6109-A4 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S6109-A4 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BTS 412B2
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
5
Input and Status Feedback11)
Input resistance
see circuit page 6
RI
--
9
--
k
Input turn-on threshold voltage
Tj =-40..+150°C: VIN(T+)
1.5
--
2.4
V
Input turn-off threshold voltage
Tj =-40..+150°C: VIN(T-)
1.0
--
--
V
Input threshold hysteresis
∆ V
IN(T)
--
0.5
--
V
Off state input current (pin 2),
VIN = 0.4 V
IIN(off)
1--
30
µA
On state input current (pin 2),
VIN = 3.5 V
IIN(on)
10
25
70
µA
Delay time for status with open load
after Input neg. slope (see diagram page 11)
td(ST OL3)
--
200
--
µs
Status invalid after positive input slope
(short circuit)
Tj=-40 ... +150°C:
td(ST SC)
--
--
450
µs
Status output (CMOS)
Tj =-40...+150°C, IST= - 50 µA:
Tj =-40...+150°C, IST = +1.6 mA:
Max. status current for
current source
(out):
valid status output,
current sink
(in) :
Tj =-40...+150°C
VST(high)12)
VST(low)
-IST
+IST13)
4.4
--
--
--
5.1
--
--
--
6.5
0.4
0.25
1.6
V
mA
11) If a ground resistor R
GND is used, add the voltage drop across this resistor.
12
) VSt high ≈ Vbb during undervoltage shutdown
13
) No current sink capability during undervoltage shutdown


Similar Part No. - Q67060-S6109-A4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67060-S6101-A2 SIEMENS-Q67060-S6101-A2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
Q67060-S6101-A3 SIEMENS-Q67060-S6101-A3 Datasheet
182Kb / 14P
   Smart Highside Power Switch
Q67060-S6101-A4 SIEMENS-Q67060-S6101-A4 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
Q67060-S6103-A2 INFINEON-Q67060-S6103-A2 Datasheet
318Kb / 15P
   Smart Highside Power Switch
2003-Oct-01
Q67060-S6103-A3 INFINEON-Q67060-S6103-A3 Datasheet
318Kb / 15P
   Smart Highside Power Switch
2003-Oct-01
More results

Similar Description - Q67060-S6109-A4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com