Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S6118 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # Q67060-S6118
Description  Smart Highside Power Switch One Channel: 20m??Status Feedback
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S6118 Datasheet(HTML) 1 Page - Infineon Technologies AG

  Q67060-S6118 Datasheet HTML 1Page - Infineon Technologies AG Q67060-S6118 Datasheet HTML 2Page - Infineon Technologies AG Q67060-S6118 Datasheet HTML 3Page - Infineon Technologies AG Q67060-S6118 Datasheet HTML 4Page - Infineon Technologies AG Q67060-S6118 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S6118 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S6118 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S6118 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S6118 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BTS 441 R
Infineon Technologies AG
1
2003-Oct-01
Smart Highside Power Switch
One Channel: 20m
Status Feedback
Product Summary
Package
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input, monolithically
integrated in Smart SIPMOS® technology.
Providing embedded protective functions.
Application
µC compatible power switch for 5V, 12 V and 24 V DC applications
All types of resistive, inductive and capacitve loads
Most suitable for loads with high inrush currents, so as lamps
Replaces electromechanical relays, fuses and discrete circuits
Basic Funktions
Very low standby current
Optimized static electromagnetic compatibility (EMC)
µC and CMOS compatible
Fast demagnetization of inductive loads
Stable behaviour at undervoltage
Protection Functions
Short circuit protection
Current limitation
Overload protection
Thermal shutdown
Overvoltage protection (including load dump) with external
GND-resistor
Reverse battery protection with external GND-resistor
Loss of ground and loss of Vbb protection
Electrostatic discharge (ESD) protection
Diagnostic Function
Diagnostic feedback with open drain output
Open load detection in OFF-state
Feedback of thermal shutdown in ON-state
TO-263-5-2
TO-220-5-12
SMD
Straight
On-state Resistance
RON
20m
Operating Voltage
Vbb(on)
4.75 ... 41V
Nominal load current
IL(ISO)
21A
Current limitation
IL(lim)
65A
Vbb
Logic
with
protection
functions
IN
ST
GND
Load
PROFET
OUT


Similar Part No. - Q67060-S6118

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S6111-A2 INFINEON-Q67060-S6111-A2 Datasheet
261Kb / 12P
   Smart High-Side Power Switch One Channel: 38m??Status Feedback
2003-Oct-01
Q67060-S6111-A3 INFINEON-Q67060-S6111-A3 Datasheet
261Kb / 12P
   Smart High-Side Power Switch One Channel: 38m??Status Feedback
2003-Oct-01
Q67060-S6111-A4 INFINEON-Q67060-S6111-A4 Datasheet
261Kb / 12P
   Smart High-Side Power Switch One Channel: 38m??Status Feedback
2003-Oct-01
Q67060-S6112-A2 INFINEON-Q67060-S6112-A2 Datasheet
216Kb / 11P
   Smart Highside Power Switch One Channel: 20m?
2003-Oct-01
Q67060-S6112-A3 INFINEON-Q67060-S6112-A3 Datasheet
216Kb / 11P
   Smart Highside Power Switch One Channel: 20m?
2003-Oct-01
More results

Similar Description - Q67060-S6118

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS441T INFINEON-BTS441T Datasheet
216Kb / 11P
   Smart Highside Power Switch One Channel: 20m?
2003-Oct-01
BTS436L2 INFINEON-BTS436L2 Datasheet
261Kb / 12P
   Smart High-Side Power Switch One Channel: 38m??Status Feedback
2003-Oct-01
BTS428L2 INFINEON-BTS428L2 Datasheet
240Kb / 13P
   Smart High-Side Power Switch One Channel: 60m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS428L2 SIEMENS-BTS428L2 Datasheet
88Kb / 12P
   Smart High-Side Power Switch One Channel:60m-ohm Status Feedback
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com