Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS555E3146 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS555E3146
Description  Smart Highside High Current Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS555E3146 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS555E3146 Datasheet HTML 5Page - Infineon Technologies AG BTS555E3146 Datasheet HTML 6Page - Infineon Technologies AG BTS555E3146 Datasheet HTML 7Page - Infineon Technologies AG BTS555E3146 Datasheet HTML 8Page - Infineon Technologies AG BTS555E3146 Datasheet HTML 9Page - Infineon Technologies AG BTS555E3146 Datasheet HTML 10Page - Infineon Technologies AG BTS555E3146 Datasheet HTML 11Page - Infineon Technologies AG BTS555E3146 Datasheet HTML 12Page - Infineon Technologies AG BTS555E3146 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet BTS555
Infineon Technologies AG
9
2003-Oct-01
Reverse battery protection
Logic
IS
IN
IS
R
V
R
OUT
L
R
Power GND
Signal GND
Vbb
-
Power
Transistor
IN
R
bb
R
D
S
D
RV ≥ 1 kΩ, RIS = 1 kΩ nominal. Add RIN for reverse
battery protection in applications with Vbb above
16 V19); recommended value:
1
RIN
+
1
RIS
+
1
RV
=
0.1A
|Vbb| - 12V
if DS is not used (or
1
RIN
=
0.1A
|Vbb| - 12V
if DS is
used).
To minimize power dissipation at reverse battery
operation, the summarized current into the IN and IS
pin should be about 120mA. The current can be
provided by using a small signal diode D in parallel to
the input switch, by using a MOSFET input switch or by
proper adjusting the current through RIS and RV.
Vbb disconnect with energized inductive
load
Provide a current path with load current capability by
using a diode, a Z-diode, or a varistor. (VZL < 72 V or
VZb < 30 V if RIN=0). For higher clamp voltages
currents at IN and IS have to be limited to 250 mA.
Version a:
PROFET
V
IN
OUT
IS
bb
V
bb
VZL
Version b:
PROFET
V
IN
OUT
IS
bb
V
bb
VZb
Note that there is no reverse battery protection when
using a diode without additional Z-diode VZL, VZb.
Version c: Sometimes a neccessary voltage clamp is
given by non inductive loads RL connected to the same
switch and eliminates the need of clamping circuit:
PROFET
V
IN
OUT
IS
bb
V
bb
R L


Similar Part No. - BTS555E3146

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS555E3146HKSA1 INFINEON-BTS555E3146HKSA1 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
More results

Similar Description - BTS555E3146

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS660P INFINEON-BTS660P Datasheet
707Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS550 INFINEON-BTS550 Datasheet
289Kb / 15P
   Smart Highside High Current Power Switch
2010-June-01
BTS50055-1TMC INFINEON-BTS50055-1TMC Datasheet
296Kb / 17P
   Smart Highside High Current Power Switch
2010-April-27
BTS550P INFINEON-BTS550P Datasheet
279Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS6510 INFINEON-BTS6510 Datasheet
263Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS50055-1TMA INFINEON-BTS50055-1TMA Datasheet
304Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
BTS50085-1TMB INFINEON-BTS50085-1TMB Datasheet
305Kb / 18P
   Smart Highside High Current Power Switch
2008-Jan-24
BTS6510B INFINEON-BTS6510B Datasheet
264Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555E3146HKSA1 INFINEON-BTS555E3146HKSA1 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com