Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QJD1210006 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # QJD1210006
Description  Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QJD1210006 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  QJD1210006 Datasheet HTML 1Page - Powerex Power Semiconductors QJD1210006 Datasheet HTML 2Page - Powerex Power Semiconductors QJD1210006 Datasheet HTML 3Page - Powerex Power Semiconductors QJD1210006 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Carbide
MOSFET Module
100 Amperes/1200 Volts
QJD1210006 Preliminary
1
04/12 Rev. 6
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
www.pwrx.com
Description:
Powerex Silicon Carbide MOSFET
Modules are designed for use in
high frequency application. Each
module consists of two MOSFET
Silicon Carbide Transistors in
half-bridge configuration with
each transistor having a reverse
connected fast recovery free-wheel
silicon carbide Schottky diode. All
components and interconnects
are isolated from the heat sinking
baseplate, offering simplified
system assembly and thermal
management.
Features:
£
Junction Temperature - 200°C
£
Silicon Carbide Chips
£
Industry Leading RDS(on)
£
High Speed Switching
£
Low Switching Losses
£
Low Capacitance
£
Low Drive Requirement
£
Fast 50A Free Wheeling
Schottky Diode
£
High Power Density
£
Isolated Baseplate
£
Aluminum Nitride Ceramic
Applications:
£
High Frequency Power Supply
£
High Efficiency Inverter
£
High Temperature Environment
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
4.25
108.0
B
2.44
62.0
C
1.14+0.04/-0.01 29.0+1.0/-0.5
D
3.66±0.01
93.0±0.25
E
1.88±0.01
48.0±0.25
F
0.67
17.0
G
0.16
4.0
H
0.24
6.0
J
0.59
15.0
K
0.55
14.0
L
0.87
22.0
M
0.33
8.5
N
0.10
2.5
P
0.85
21.5
Dimensions
Inches
Millimeters
Q
0.98
25.0
R
0.11
2.8
S
M6 Metric
M6
T
0.26 Dia.
Dia. 6.5
U
0.02
0.5
V
0.71
18.0
W
0.28
7.0
X
0.16
4.0
Y
0.3
7.5
Z
0.325
8.25
AA
0.624
15.85
AB
0.709
18.0
AC
0.69
17.5
AD
1.012
25.7
G
H
H
U U
U
U
S1D2
S2
D1
S1
G1
S2
G2
J
AC
E B
A
D
K
K
K
Y
Y
N
P
Q
Q
V
W
V
V
C
L
Y
M
R
X
W
F
S - NUTS (3 TYP)
T - (4 TYP)
Z
AB
AA
LABEL
S1D2
D1
S2
Q
AD


Similar Part No. - QJD1210006

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QJD1210007 POWEREX-QJD1210007 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
More results

Similar Description - QJD1210006

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QJD1210007 POWEREX-QJD1210007 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
QJD1210010 POWEREX-QJD1210010 Datasheet
700Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210011 POWEREX-QJD1210011_14 Datasheet
811Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210010 POWEREX-QJD1210010_14 Datasheet
812Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210011 POWEREX-QJD1210011 Datasheet
703Kb / 7P
   Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
KD421210A7 POWEREX-KD421210A7 Datasheet
398Kb / 4P
   Dual Darlington Transistor Module (100 Amperes/1200 Volts)
CM100MXA-24S POWEREX-CM100MXA-24S Datasheet
1Mb / 15P
   NX-Series CIB Module 100 Amperes/1200 Volts
CM100TX-24S POWEREX-CM100TX-24S Datasheet
1Mb / 9P
   Six IGBT NX-Series Module 100 Amperes/1200 Volts
CM100DY-24NF POWEREX-CM100DY-24NF Datasheet
70Kb / 4P
   Dual IGBTMOD NF-Series Module 100 Amperes/1200 Volts
CM100DU-24NFH POWEREX-CM100DU-24NFH Datasheet
628Kb / 4P
   Dual IGBTMOD NFH-Series Module 100 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com