Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24392RSER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24392RSER
Description  Dual SPST USB 2.0 High Speed Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24392RSER Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24392RSER Datasheet HTML 6Page - Texas Instruments BQ24392RSER Datasheet HTML 7Page - Texas Instruments BQ24392RSER Datasheet HTML 8Page - Texas Instruments BQ24392RSER Datasheet HTML 9Page - Texas Instruments BQ24392RSER Datasheet HTML 10Page - Texas Instruments BQ24392RSER Datasheet HTML 11Page - Texas Instruments BQ24392RSER Datasheet HTML 12Page - Texas Instruments BQ24392RSER Datasheet HTML 13Page - Texas Instruments BQ24392RSER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
USB
HOST
BQ24392
DP_HOST
DM_HOST
SYSTEM
&
CHARGER
100 k
10 k
3.3V
10 k
Diode
0.5V
GND
0.1 µF
2.2
1 µF~
10 µF
2.2
2.2
USB
PORT
1 pF
ESD
1 pF
ESD
1pF-10pF
ESD
CHG_DET
SW_OPEN
CHG_AL_N
GOOD_BAT
VBUS
DM_CON
DP_CON
Data Lines
VBUS and
Ground
BQ24392
SLIS146D – JUNE 2012 – REVISED JANUARY 2016
www.ti.com
Figure 4. Data Connections Recessed from Power Connections
However, in some cases the charger is inserted very slowly, causing the VBUS and GND to make contact long
before D+ and D–. Due to this effect, there is no guaranteed detection time as the detection time can vary based
on how long it takes to insert the charger. If longer than 600 ms is taken to insert the charger into the USB
receptacle, the detection algorithm of the BQ24392 will timeout and instead of the charger being detected as a
DCP, it is now detected as a nonstandard charger (D+ and D– floating).
8.2 Typical Application
The BQ24392 device is used between the micro or mini-USB connector port and USB host to enable and disable
the USB data path and detect chargers that are inserted into the micro or mini-USB connector.
Figure 5. Application Schematic
10
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated


Similar Part No. - BQ24392RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24392RSER TI1-BQ24392RSER Datasheet
708Kb / 17P
[Old version datasheet]   Charger Detection Device with High Speed USB Switch Battery Charger Specification v1.2
More results

Similar Description - BQ24392RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24392-Q1 TI1-BQ24392-Q1_16 Datasheet
992Kb / 22P
[Old version datasheet]   Dual SPST USB 2.0 High Speed Switch
logo
Integrated Device Techn...
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8032 IDT-IDTUS8032 Datasheet
309Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Texas Instruments
BQ24392 TI-BQ24392_15 Datasheet
988Kb / 22P
[Old version datasheet]   bq24392 Dual SPST USB 2.0 High Speed Switch with USB Battery Charging Specification Revision 1.2 Detection
logo
Toshiba Semiconductor
TC7USB31WBG TOSHIBA-TC7USB31WBG Datasheet
245Kb / 12P
   Dual SPST USB Switch
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
NLAS7213 ONSEMI-NLAS7213_14 Datasheet
264Kb / 9P
   High-Speed USB 2.0 DPST Switch
November, 2014 ??Rev. 5
logo
Texas Instruments
BQ24392-Q1 TI-BQ24392-Q1_15 Datasheet
959Kb / 22P
[Old version datasheet]   BQ24392-Q1 Dual SPST USB 2.0 High Speed Switch With USB Battery Charging Specification Revision 1.2 Detection
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221 Datasheet
1Mb / 18P
   High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com