Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS214ZQER Datasheet(PDF) 5 Page - Texas Instruments

Part # HD3SS214ZQER
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214ZQER Datasheet(HTML) 5 Page - Texas Instruments

  HD3SS214ZQER Datasheet HTML 1Page - Texas Instruments HD3SS214ZQER Datasheet HTML 2Page - Texas Instruments HD3SS214ZQER Datasheet HTML 3Page - Texas Instruments HD3SS214ZQER Datasheet HTML 4Page - Texas Instruments HD3SS214ZQER Datasheet HTML 5Page - Texas Instruments HD3SS214ZQER Datasheet HTML 6Page - Texas Instruments HD3SS214ZQER Datasheet HTML 7Page - Texas Instruments HD3SS214ZQER Datasheet HTML 8Page - Texas Instruments HD3SS214ZQER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
HD3SS214
www.ti.com
SLAS907 – DECEMBER 2015
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Supply voltage range(3)
VDD
–0.5
4
V
Differential I/O
–0.5
4
Voltage range
V
Control pin
–0.5
VDD + 0.5
Continuous power dissipation
See Thermal Information
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Typical values for all parameters are at VCC = 3.3 V and TA = 25°C. All temperature limits are specified by design.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage
3
3.3
3.6
V
Control Pins, Signal Pins
VIH
Input high voltage
2
VDD
V
(Dx_SEL, AUX_SEL, MODE, OE)
VDD/2 -300
VDD/2 -300
VIM
Input mid level voltage
AUX_SEL Pin
VDD/2
V
mV
mV
Control Pins, Signal Pins
VIL
Input low voltage
-0.1
0.8
V
(Dx_SEL, AUX_SEL, MODE, OE)
VI/O_Diff
Differential voltage (Dx, AUXx)
Switch I/O diff voltage
0
1.8
Vpp
Dx switching I/O Common mode voltage
0
2
V
VI/O_CM
Switch I/O common mode voltage
AUXx (1) switching I/O Common mode
0
3.6
voltage
HD3SS214
0
70
°C
Operating free-air temperature
HD3SS214I
–40
105
°C
6.4 Thermal Information
HD3SS214
THERMAL METRIC(1)
ZQE (µBGA)
UNIT
50 PINS
RθJA
Junction-to-ambient thermal resistance
90.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
41.9
°C/W
RθJB
Junction-to-board thermal resistance
53.9
°C/W
ψJT
Junction-to-top characterization parameter
1.8
°C/W
ψJB
Junction-to-board characterization parameter
53.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: HD3SS214


Similar Part No. - HD3SS214ZQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214ZQER TI1-HD3SS214ZQER Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214ZQER TI-HD3SS214ZQER Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
More results

Similar Description - HD3SS214ZQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
[Old version datasheet]   6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
[Old version datasheet]   DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
[Old version datasheet]   DisplayPort 1:2 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com