Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82B96D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # P82B96D
Description  I2C Compatible Dual Bidirectional Bus Buffer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

P82B96D Datasheet(HTML) 8 Page - Texas Instruments

Back Button P82B96D Datasheet HTML 4Page - Texas Instruments P82B96D Datasheet HTML 5Page - Texas Instruments P82B96D Datasheet HTML 6Page - Texas Instruments P82B96D Datasheet HTML 7Page - Texas Instruments P82B96D Datasheet HTML 8Page - Texas Instruments P82B96D Datasheet HTML 9Page - Texas Instruments P82B96D Datasheet HTML 10Page - Texas Instruments P82B96D Datasheet HTML 11Page - Texas Instruments P82B96D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
P82B96
SCPS144C – MAY 2006 – REVISED MAY 2015
www.ti.com
7.7 Electrical Characteristics: VCC = 4.5 V to 5.5 V
VCC = 4.5 V to 5.5 V, voltages are specified with respect to GND (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(1)
MAX
MIN
MAX
Temperature
ΔV/ΔTIN
coefficient of input Sx, Sy
–2
mV/°C
thresholds
ISx, ISy = 3 mA
0.8
0.88
1
See (2)
Low-level output
VOL
Sx, Sy
V
voltage
ISx, ISy = 0.2 mA
0.67
0.73
0.79
See (2)
Temperature
coefficient of
ΔV/ΔTOUT
Sx, Sy
ISx, ISy = 0.2 mA
–1.8
mV/°C
output low
levels(3)
ICC
Quiescent supply current
Sx = Sy = VCC
0.9
1.8
2
mA
Additional supply
ΔICC
current
Tx, Ty
1.7
2.75
3
mA
per pin low
Dynamic output
VSx, VSy > 2 V,
sink capability
7
18
6
mA
VRx, VRy = low
on I2C bus
IIOS
Sx, Sy
Leakage current
VSx, VSy = 5 V,
0.1
1
1
μA
on I2C bus
VRx, VRy = high
Dynamic output
VTx, VTy > 1 V,
sink capability
VSx, VSy = low on I
2C bus =
60
100
60
mA
on buffered bus
0.4 V
IIOT
Tx, Ty
Leakage current
VTx, VTy = VCC = 5 V,
0.1
1
1
μA
on buffered bus
VSx, VSy = high
Input current
Sx, Sy
Bus low, VRx, VRy = high
–1
1
from I2C bus
Input current
Bus low, VRx, VRy = 0.4 V
–1
1
II
from buffered bus
μA
Rx, Ry
Leakage current
on buffered bus
VRx, VRy = VCC
1
1.5
input
Input logic-level high
threshold(4)
0.65
0.7
See (2)
on normal I2C bus
Sx, Sy
Input logic-level low
threshold(4)
0.6
0.65
See (2)
on normal I2C bus
VIT
Input threshold
V
0.58 x
Input logic level high
0.58 x VCC
VCC
Rx, Ry
Input threshold
0.5 x VCC
0.42 x
0.42 x
Input logic level low
VCC
VCC
(VSx output low at 3 mA) –
Input/output logic
VIOdiff
Sx, Sy
(VSx input high max) for I
2C
100
150
100
mV
level difference(5)
applications
VCC voltage at
Sx, Sy are low, VCC
Sx, Sy
VIOrel
which all buses
ramping, voltage on Tx, Ty
1
1
V
Tx, Ty
are released
lowered until released
(1)
Typical value is at VCC = 5 V, TA = 25°C
(2)
See the Typical Characteristics section of this data sheet.
(3)
The output logic low depends on the sink current.
(4)
The input logic threshold is independent of the supply voltage.
(5)
The minimum value requirement for pullup current, 200
μA, ensures that the minimum value for VSX output low always exceeds the
minimum VSx input high level to eliminate any possibility of latching. The specified difference is specified by design within any device.
While the tolerances on absolute levels allow a small probability that the low from one Sx output is recognized by an Sx input of another
P82B96, this has no consequences for normal applications.
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: P82B96


Similar Part No. - P82B96D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B96D TI-P82B96D Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96D TI-P82B96D Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96DG4 TI-P82B96DG4 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96DG4 TI-P82B96DG4 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96DGKR TI-P82B96DGKR Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
More results

Similar Description - P82B96D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
PCA9515A TI-PCA9515A Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
PCA9515B TI1-PCA9515B Datasheet
515Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com