Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DSI86-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DSI86-Q1
Description  MIPI DSI to eDP Bridge
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DSI86-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  SN65DSI86-Q1 Datasheet HTML 1Page - Texas Instruments SN65DSI86-Q1 Datasheet HTML 2Page - Texas Instruments SN65DSI86-Q1 Datasheet HTML 3Page - Texas Instruments SN65DSI86-Q1 Datasheet HTML 4Page - Texas Instruments SN65DSI86-Q1 Datasheet HTML 5Page - Texas Instruments SN65DSI86-Q1 Datasheet HTML 6Page - Texas Instruments SN65DSI86-Q1 Datasheet HTML 7Page - Texas Instruments SN65DSI86-Q1 Datasheet HTML 8Page - Texas Instruments SN65DSI86-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
GND
VCC
TEST3
REFCLK
VCCIO
GPIO3
GPIO2
GPIO4
GPIO1
VCC
TEST1
50
51
52
53
54
49
56
57
58
59
60
TEST2
55
DACP
VCCA
DA1P
DA2N
DA1N
DA2P
DACN
GND
DA3N
DA3P
HPD
31
30
29
28
27
25
24
23
22
21
GND
26
4
5
8
6
7
9
10
11
47
46
45
44
43
42
40
39
41
2
3
1
12
38
37
48
13
14
15
16
DA0N
VCC
VCCA
DA0P
20
19
18
17
IRQ
VCC
VCCIO
GND
61
62
63
64
32
36
35
34
33
SN65DSI86-Q1
SLLSEJ5A – JULY 2014 – REVISED DECEMBER 2015
www.ti.com
6 Pin Configuration and Functions
PAP Package
64-Pin HTQFP
Top View
See Layout Guidelines for additional information.
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
DA0P
19
I
MIPI D-PHY Channel A Data Lane 0; data rate up to 1.5 Gbps.
DA0N
20
DA1P
21
I
MIPI D-PHY Channel A Data Lane 1; data rate up to 1.5 Gbps.
DA1N
22
DACP
24
MIPI D-PHY Channel A Clock Lane; operates up to 750MHz. Under proper conditions, this clock can
I
be used instead of REFCLK to feed DP_PLL
DACN
25
DA2P
27
I
MIPI D-PHY Channel A Data Lane 2; data rate up to 1.5 Gbps.
DA2N
28
DA3P
29
I
MIPI D-PHY Channel A Data Lane 3; data rate up to 1.5 Gbps.
DA3N
30
DB0P
4
I
MIPI D-PHY Channel B Data Lane 0; data rate up to 1.5 Gbps.
DB0N
5
DB1P
6
I
MIPI D-PHY Channel B Data Lane 1; data rate up to 1.5 Gbps.
DB1N
7
DBCP
8
I
MIPI D-PHY Channel B Clock Lane; operates up to 750 MHz.
DBCN
9
DB2P
10
I
MIPI D-PHY Channel B Data Lane 2; data rate up to 1.5 Gbps.
DB2N
11
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: SN65DSI86-Q1


Similar Part No. - SN65DSI86-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI86-Q1 TI-SN65DSI86-Q1 Datasheet
2Mb / 85P
[Old version datasheet]   SN65DSI86 MIPI짰 DSI to eDP??Bridge
More results

Similar Description - SN65DSI86-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI86 TI-SN65DSI86_V01 Datasheet
2Mb / 85P
[Old version datasheet]   SN65DSI86 MIPI짰 DSI to eDP??Bridge
SN65DSI85-Q1 TI1-SN65DSI85-Q1 Datasheet
194Kb / 7P
[Old version datasheet]   MIPI DSI Bridge to FlatLink LVDS Dual-Channel DSI to Dual-Link LVDS Bridge
SN65DSI83 TI-SN65DSI83 Datasheet
1Mb / 34P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Single-Link LVDS Bridge
SN65DSI84 TI-SN65DSI84 Datasheet
1Mb / 37P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI85 TI-SN65DSI85 Datasheet
1Mb / 45P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Dual Channel DSI to Dual-Link LVDS Bridge
logo
Analog Devices
ADV7533 AD-ADV7533 Datasheet
224Kb / 12P
   MIPI/DSI Receiver
REV. 0
logo
Texas Instruments
SN65DSI84-Q1 TI1-SN65DSI84-Q1 Datasheet
779Kb / 52P
[Old version datasheet]   Automotive Single-Channel MIPI DSI to Dual-Link LVDS Bridge
logo
NXP Semiconductors
PTN3460 NXP-PTN3460 Datasheet
417Kb / 32P
   eDP to LVDS bridge IC
Rev. 4-12 March 2014
logo
Analog Devices
ADV7535 AD-ADV7535 Datasheet
56Kb / 2P
   MIPI/DSI Receiver with HDMI Transmitter
logo
STMicroelectronics
STM32F469 STMICROELECTRONICS-STM32F469 Datasheet
588Kb / 2P
   World?셲 first MIPI-DSI MCU
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com