Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82B96PWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # P82B96PWR
Description  I2C Compatible Dual Bidirectional Bus Buffer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

P82B96PWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button P82B96PWR Datasheet HTML 7Page - Texas Instruments P82B96PWR Datasheet HTML 8Page - Texas Instruments P82B96PWR Datasheet HTML 9Page - Texas Instruments P82B96PWR Datasheet HTML 10Page - Texas Instruments P82B96PWR Datasheet HTML 11Page - Texas Instruments P82B96PWR Datasheet HTML 12Page - Texas Instruments P82B96PWR Datasheet HTML 13Page - Texas Instruments P82B96PWR Datasheet HTML 14Page - Texas Instruments P82B96PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
600
1400
400
800
1000
1200
-50
100
75
50
25
0
–25
125
T – °C
j
1000
200
800
600
400
-50
100
75
50
25
0
–25
125
T – °C
j
1000
200
800
600
400
-50
100
75
50
25
0
–25
125
T – °C
j
600
800
1000
400
-50
100
75
50
25
0
–25
125
T – °C
j
Maximum
Typical
Minimum
1200
400
1000
800
600
-50
100
75
50
25
0
–25
125
T – °C
j
Maximum
Typical
Minimum
P82B96
www.ti.com
SCPS144C – MAY 2006 – REVISED MAY 2015
7.10 Typical Characteristics
Figure 2. VOL at Sx vs Junction Temperature, IOL = 3 mA
Figure 1. VOL at Sx vs Junction Temperature, IOL = 0.2 mA
Figure 4. VIH(min) at Sx vs Junction Temperature
Figure 3. VIL(max) at Sx vs Junction Temperature
Figure 5. VCC(max) vs Junction Temperature
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: P82B96


Similar Part No. - P82B96PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B96PWR TI-P82B96PWR Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96PWR TI-P82B96PWR Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96PWRG4 TI-P82B96PWRG4 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96PWRG4 TI-P82B96PWRG4 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
More results

Similar Description - P82B96PWR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
PCA9515A TI-PCA9515A Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
PCA9515B TI1-PCA9515B Datasheet
515Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com