Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD11SHKQ Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD11SHKQ
Description  3.3-V RS-485 Transceiver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD11SHKQ Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD11SHKQ Datasheet HTML 5Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 6Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 7Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 8Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 9Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 10Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 11Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 12Page - Texas Instruments SN65HVD11SHKQ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
SN65HVD11-HT
www.ti.com
SLLS934F – NOVEMBER 2008 – REVISED NOVEMBER 2015
6.8 Receiver Switching Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay time, low-to-high-
tPLH
30
55
70
ns
level output
VID = –1.5 V to 1.5 V,
Propagation delay time, high-to-low-
tPHL
30
55
70
ns
CL = 15 pF,
level output
See Figure 17
tsk(p)
Pulse skew (|tPHL – tPLH|)
4
ns
tsk(pp)
(1)
Part-to-part skew
15
ns
TA = –55°C to
1
3
5
125°C
tr
Output signal rise time
ns
TA = 175°C
(2)
1
4
5
TA = 210°C
(3)
1
4
5
CL = 15 pF,
See Figure 17
TA = –55°C to
1
3
5
125°C
tf
Output signal fall time
ns
TA = 175°C
(2)
1
4
5
TA = 210°C
(3)
1
4
5
tPZH
(3)
Output enable time to high level
15
ns
tPZL
(3)
Output enable time to low level
15
ns
CL = 15 pF, DE = 3 V,
See Figure 18
tPHZ
Output disable time from high level
20
ns
tPLZ
Output disable time from low level
15
ns
Propagation delay time, standby-to-
tPZH
(1)
6
μs
high-level output
CL = 15 pF, DE = 0,
See Figure 19
Propagation delay time, standby-to-
tPZL
(1)
6
μs
low-level output
(1)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(2)
Minimum and maximum parameters are characterized for operation at TA = 175°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
(3)
Minimum and maximum parameters are characterized for operation at TA = 210°C but may not be production tested at that temperature.
Production test limits with statistical guardbands are used to ensure high temperature performance.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN65HVD11-HT


Similar Part No. - SN65HVD11SHKQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11SHKQ TI1-SN65HVD11SHKQ Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD11SHKQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
logo
Analog Devices
ADM3493 AD-ADM3493 Datasheet
331Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
REV. 0
ADM3493 AD-ADM3493_15 Datasheet
341Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
Rev. 0
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Texas Instruments
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com