Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD266D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD266D
Description  Turbo CAN Transceivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD266D Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD266D Datasheet HTML 4Page - Texas Instruments SN65HVD266D Datasheet HTML 5Page - Texas Instruments SN65HVD266D Datasheet HTML 6Page - Texas Instruments SN65HVD266D Datasheet HTML 7Page - Texas Instruments SN65HVD266D Datasheet HTML 8Page - Texas Instruments SN65HVD266D Datasheet HTML 9Page - Texas Instruments SN65HVD266D Datasheet HTML 10Page - Texas Instruments SN65HVD266D Datasheet HTML 11Page - Texas Instruments SN65HVD266D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
SN65HVD265, SN65HVD266, SN65HVD267
SLLSEI3A – SEPTEMBER 2013 – REVISED NOVEMBER 2015
www.ti.com
7.8 Switching Characteristics
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DEVICE SWITCHING CHARACTERISTICS
Total loop delay, driver input (TXD) to
tPROP(LOOP1) receiver output (RXD), recessive to
150
dominant
See Figure 7, S = 0 V, RL = 60 Ω,
CL = 100 pF, CL(RXD) = 15 pF
Total loop delay, driver input (TXD) to
ns
tPROP(LOOP2) receiver output (RXD), dominant to
150
recessive
Loop Delay Symmetry for 2Mbps CAN with
See Figure 8 , S = 0 V, RL = 60Ω, CL =
tREC(2Mbps)
400
550
Flexible Data Rate.(2)
100pF, CL(RXD) = 15pF, tBIT = 500ns
Mode change time, from Normal to Silent
IMODE
See Figure 6
20
µS
or from Silent to Normal
DRIVER SWITCHING CHARACTERISTICS
Propagation delay time, HIGH TXD to
tpHR
50
70
Driver Recessive
Propagation delay time, LOW TXD to
tpLD
40
70
See Figure 4, S = 0 V, RL = 60 Ω,
Driver Dominant
ns
CL = 100 pF, RCM = open
tsk(p)
Pulse skew (|tpHR - tpLD|)
10
tR
Differential output signal rise time
10
30
tF
Differential output signal fall time
17
30
Differential output signal rise time,
tR(10k)
35
RL = 10 kΩ
See Figure 4, S = 0 V, RL = 10 kΩ, CL
ns
= 10 pF, RCM = open
Differential output signal fall time,
tF(10k)
100
RL = 10 kΩ
tTXD_DTO
Dominant timeout(3)
See Figure 9, RL = 60 Ω, CL = open
1175
3700
µs
RECEIVER SWITCHING CHARACTERISTICS
Propagation delay time, recessive input to
tpRH
70
90
ns
high output
Propagation delay time, dominant input to
tpDL
70
90
ns
See Figure 5, CL(RXD) = 15 pF
low output
tR
Output signal rise time
4
20
ns
tF
Output signal fall time
4
20
ns
t(RXD_DTO)
Receiver dominant time out (SN65HVD267
1380
4200
µs
(4)
only) See Figure 2, CL(RXD) = 15 pF
(1)
All typical values are at 25°C and supply voltages of VCC = 5 V and V(RXD) = 5 V, RL = 60 Ω.
(2)
Loop delay symmetry for CAN with flexible data rate or "improved CAN" for data rates in excess of 1Mbps. Specified in accordance with
working draft 2Mbps specification from physical layer task force within CAN in Automation.
(3)
The TXD dominant timeout (t(TXD_DTO)) disables the driver of the transceiver once the TXD has been dominant longer than t(TXD_DTO),
which releases the bus lines to recessive, preventing a local failure from locking the bus dominant. The driver may only transmit
dominant again after TXD has been returned HIGH (recessive). While this protects the bus from local faults, locking the bus dominant, it
limits the minimum data rate possible. The CAN protocol allows a maximum of eleven successive dominant bits (on TXD) for the worst
case, where five successive dominant bits are followed immediately by an error frame. This, along with the t(TXD_DTO) minimum, limits
the minimum bit rate. The minimum bit rate may be calculated by: Minimum Bit Rate = 11 / t(TXD_DTO) = 11 bits / 1175 µs = 9.4 kbps.
(4)
The RXD timeout (t(RXD_DTO)) disables the driver of the transceiver once the RXD has been dominant longer than t(RXD_DTO), which
releases the bus lines to recessive, preventing a local failure from locking the bus dominant. The driver may only transmit dominant
again after RXD has been returned HIGH (recessive). While this protects the bus from local faults, locking the bus dominant, it limits the
minimum data rate possible. The CAN protocol allows a maximum of eleven successive dominant bits (on RXD) for the worst case,
where five successive dominant bits are followed immediately by an error frame. This, along with the t(RXD_DTO) minimum, limits the
minimum bit rate. The minimum bit rate may be calculated by: Minimum Bit Rate = 11 / t(RXD_DTO) = 11 bits / 1380 µs = 8 kbps.
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: SN65HVD265 SN65HVD266 SN65HVD267


Similar Part No. - SN65HVD266D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD2 TI-SN65HVD2 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20 TI-SN65HVD20 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
More results

Similar Description - SN65HVD266D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD256DR TI-SN65HVD256DR Datasheet
909Kb / 28P
[Old version datasheet]   Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
SN65HVD252 TI1-SN65HVD252_13 Datasheet
804Kb / 18P
[Old version datasheet]   DeviceNet CAN Transceivers
SN65HVD252 TI1-SN65HVD252 Datasheet
585Kb / 17P
[Old version datasheet]   DeviceNet??CAN Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDRG4Q1 TI-SN65HVD230QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233_08 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com