Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD266DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD266DR
Description  Turbo CAN Transceivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD266DR Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD266DR Datasheet HTML 1Page - Texas Instruments SN65HVD266DR Datasheet HTML 2Page - Texas Instruments SN65HVD266DR Datasheet HTML 3Page - Texas Instruments SN65HVD266DR Datasheet HTML 4Page - Texas Instruments SN65HVD266DR Datasheet HTML 5Page - Texas Instruments SN65HVD266DR Datasheet HTML 6Page - Texas Instruments SN65HVD266DR Datasheet HTML 7Page - Texas Instruments SN65HVD266DR Datasheet HTML 8Page - Texas Instruments SN65HVD266DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
SN65HVD265, SN65HVD266, SN65HVD267
www.ti.com
SLLSEI3A – SEPTEMBER 2013 – REVISED NOVEMBER 2015
7.5 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VRXD
RXD supply (SN65HVD266 only)
2.8
5.5
V
VI or VIC
CAN bus terminal voltage (separately or common mode)
–2
7
V
VID
CAN bus differential voltage
-6
6
V
VIH
Logic HIGH level input (TXD, S)
2
5.5
V
VIL
Logic LOW level input (TXD, S)
0
0.8
V
IOH(DRVR)
CAN BUS Driver High level output current
–70
mA
IOL(DRVR)
CAN BUS Driver Low level output current
70
mA
IOH(RXD)
RXD terminal HIGH level output current
–2
mA
IOL(RXD)
RXD terminal LOW level output current
2
mA
IO(FAULT)
FAULT terminal LOW level output current
SN65HVD267
2
mA
TA
Operational free-air temperature (see Thermal Information)
–40
125
°C
7.6 Thermal Information
SN65HVD265,
SN65HVD266,
SN65HVD267
THERMAL METRIC(1)
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-air thermal resistance, High-K thermal resistance
107.5
°C/W
RθJC(top)
Junction-to-board thermal resistance
48.9
°C/W
RθJB
Junction-to-case (top) thermal resistance
56.7
°C/W
ψJT
Junction-to-top characterization parameter
12.1
°C/W
ψJB
Junction-to-board characterization parameter
48.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.7 Electrical Characteristics
Over recommended operating conditions (unless otherwise noted): TA = –40°C to 125°C, SN65HVD266 device VRXD = VCC.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SUPPLY CHARACTERISTICS
Normal Mode
See Figure 4, TXD = 0 V, RL = 50 Ω,
60
85
(Driving Dominant)
CL = open, RCM = open, S = 0V
Normal Mode
See Figure 4, TXD = 0 V, S = 0V,
(Driving Dominant –
CANH = -12V, RL = open, CL = open,
130
180
bus fault)
RCM = open
See Figure 4, TXD = 0 V, RL = open
Normal Mode
(no load), CL = open, RCM = open,
10
20
ICC
5-V Supply current
(Driving Dominant)
mA
S = 0V
See Figure 4, TXD = VCC, RL = 50 Ω,
Normal Mode
CL = open, RCM = open,
10
20
(Recessive)
S = 0V
See Figure 4, TXD = VCC, RL = 50
Silent Mode
Ω,CL = open, RCM = open,
2.5
5
S = VCC
RXD Supply current
I(RXD)
All modes
RXD Floating, TXD = 0V
500
µA
(SN65HVD266 only)
Undervoltage detection on VCC for
UVVCC
3.5
4.45
V
protected mode
VHYS(UVVCC) Hysteresis voltage on UVVCC
200
mV
(1)
All typical values are at 25°C and supply voltages of VCC = 5 V and V(RXD) = 5 V, RL = 60 Ω.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN65HVD265 SN65HVD266 SN65HVD267


Similar Part No. - SN65HVD266DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD2 TI-SN65HVD2 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20 TI-SN65HVD20 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
More results

Similar Description - SN65HVD266DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD256DR TI-SN65HVD256DR Datasheet
909Kb / 28P
[Old version datasheet]   Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
SN65HVD252 TI1-SN65HVD252_13 Datasheet
804Kb / 18P
[Old version datasheet]   DeviceNet CAN Transceivers
SN65HVD252 TI1-SN65HVD252 Datasheet
585Kb / 17P
[Old version datasheet]   DeviceNet??CAN Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDRG4Q1 TI-SN65HVD230QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233_08 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com