Electronic Components Datasheet Search |
|
SN65HVD266DR Datasheet(PDF) 7 Page - Texas Instruments |
|
|
SN65HVD266DR Datasheet(HTML) 7 Page - Texas Instruments |
7 / 33 page SN65HVD265, SN65HVD266, SN65HVD267 www.ti.com SLLSEI3A – SEPTEMBER 2013 – REVISED NOVEMBER 2015 Electrical Characteristics (continued) Over recommended operating conditions (unless otherwise noted): TA = –40°C to 125°C, SN65HVD266 device VRXD = VCC. PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT DRIVER ELECTRICAL CHARACTERISTICS (CONTINUED) See Figure 14 and Figure 10, VCANH = –160 0 V, CANL = open, TXD = 0 V Short circuit steady-state output current, IOS(SS_DOM) mA Dominant See Figure 14 and Figure 10, VCANL = 160 32 V, CANH = open, TXD = 0 V See Figure 14 and Figure 10, –20 V ≤ Short circuit steady-state output current, VBUS ≤ 32 V, Where VBUS = CANH = IOS(SS_REC) –8 8 mA Recessive CANL, TXD = VCC, Normal and Silent Modes RECEIVER ELECTRICAL CHARACTERISTICS Positive-going input threshold voltage, VIT+ 900 mV normal mode See Figure 5, Table 6 and Table 1 Negative-going input threshold voltage, VIT– 500 mV normal mode VHYS Hysteresis voltage (VIT+ - VIT–) 125 mV Power-off (unpowered) bus input leakage CANH = CANL = 5 V, VCC = 0 V, V(RXD) Ilkg(IOFF) 5.5 µA current = 0 V Input capacitance to ground (CANH or TXD = VCC, V(RXD) = VCC, VI = 0.4 sin CI 25 pF CANL) (4E6 π t) + 2.5 V TXD = VCC, V(RXD) = VCC, VI = 0.4 sin CID Differential input capacitance 10 pF (4E6 π t) RID Differential input resistance 30 80 k Ω TXD = VCC = V(RXD) = 5 V, S = 0 V RIN Input resistance (CANH or CANL) 15 40 k Ω Input resistance matching: RIN(M) V(CANH) = V(CANL), –40°C ≤ TA ≤ 85°C –3% 3% [1 – RIN(CANH) / RIN(CANL)] × 100% FAULT terminal (Fault Output), SN65HVD267 only ICH Output current high level FAULT = VCC, See Figure 3 –10 10 µA ICL Output current low level FAULT = 0.4 V, See Figure 3 5 12 mA POWER DISSIPATION VCC = 5 V, VRXD = 5 V, TJ = 27°C, RL = 60 Ω, S at 0 V, Input to TXD at 250 kHz, 25% duty cycle square wave, 115 CL_RXD = 15 pF. Typical CAN operating conditions at 500kbps with 25% transmission (dominant) rate. PD Average power dissipation mW VCC = 5.5 V, VRXD = 5.5 V, TJ = 150°C, RL = 50 Ω, S at 0 V, Input to TXD at 500 kHz, 50% duty cycle square wave, CL_RXD = 15 pF. Typical high load 268 CAN operating conditions at 1mbps with 50% transmission (dominant) rate and loaded network. THERMAL SHUTDOWN Thermal shutdown temperature 170 °C Thermal shutdown hysteresis 5 °C Copyright © 2013–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: SN65HVD265 SN65HVD266 SN65HVD267 |
Similar Part No. - SN65HVD266DR |
|
Similar Description - SN65HVD266DR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |