Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD485EDGK Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD485EDGK
Description  Half-Duplex RS-485 Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD485EDGK Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD485EDGK Datasheet HTML 1Page - Texas Instruments SN65HVD485EDGK Datasheet HTML 2Page - Texas Instruments SN65HVD485EDGK Datasheet HTML 3Page - Texas Instruments SN65HVD485EDGK Datasheet HTML 4Page - Texas Instruments SN65HVD485EDGK Datasheet HTML 5Page - Texas Instruments SN65HVD485EDGK Datasheet HTML 6Page - Texas Instruments SN65HVD485EDGK Datasheet HTML 7Page - Texas Instruments SN65HVD485EDGK Datasheet HTML 8Page - Texas Instruments SN65HVD485EDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
SN65HVD485E
SLLS612E – JUNE 2004 – REVISED DECEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
Voltage range at A or B
–9
14
V
Voltage range at any logic pin
–0.3
VCC + 0.3
V
Receiver output current
–24
24
mA
Voltage input range, transient pulse, A and B, through 100
Ω (see Figure 15)
–50
50
V
TJ
Junction temperature
170
170
°C
Continuous total power dissipation
Refer to Dissipation Ratings
Tstg
Storage temperature
–65
130
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
7.2 ESD Ratings
VALUE
UNIT
Bus pins and GND
±15000
Human body model (HBM), per ANSI/ESDA/JEDEC JS-
Electrostatic
001(1)
V(ESD)
All pins
±4000
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VI
Input voltage at any bus terminal (separately or common mode)
–7
12
V
VIH
High-level input voltage (D, DE, or RE inputs)
2
VCC
V
VIL
Low-level input voltage (D, DE, or RE inputs)
0
0.8
V
VID
Differential input voltage
–12
12
V
Driver
–60
60
IO
Output current
mA
Receiver
–8
8
RL
Differential load resistance
54
60
1/tUI
Signaling rate
0
10
Mbps
TA
Operating free-air temperature
–40
85
°C
TJ
Junction temperature(2)
–40
130
°C
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this data sheet.
(2)
See Thermal Information for information on maintenance of this specification for the DGK package.
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN65HVD485E


Similar Part No. - SN65HVD485EDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485EDGK TI-SN65HVD485EDGK Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485EDGK TI1-SN65HVD485EDGK Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485EDGKG4 TI1-SN65HVD485EDGKG4 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485EDGKR TI1-SN65HVD485EDGKR Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485EDGKRG4 TI1-SN65HVD485EDGKRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
More results

Similar Description - SN65HVD485EDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX14781E MAXIM-MAX14781E_14 Datasheet
986Kb / 19P
   Half-Duplex RS-485 Transceiver with Polarity Correction
Rev 0; 12/13
logo
Sipex Corporation
SP483E SIPEX-SP483E_05 Datasheet
83Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com