Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD485EDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD485EDR
Description  Half-Duplex RS-485 Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD485EDR Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD485EDR Datasheet HTML 1Page - Texas Instruments SN65HVD485EDR Datasheet HTML 2Page - Texas Instruments SN65HVD485EDR Datasheet HTML 3Page - Texas Instruments SN65HVD485EDR Datasheet HTML 4Page - Texas Instruments SN65HVD485EDR Datasheet HTML 5Page - Texas Instruments SN65HVD485EDR Datasheet HTML 6Page - Texas Instruments SN65HVD485EDR Datasheet HTML 7Page - Texas Instruments SN65HVD485EDR Datasheet HTML 8Page - Texas Instruments SN65HVD485EDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SN65HVD485E
www.ti.com
SLLS612E – JUNE 2004 – REVISED DECEMBER 2015
7.4 Thermal Information
SN65HVD485E
D
DGK
P
THERMAL METRIC(1)
UNIT
(SOIC)
(VSSOP)
(PDIP)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance(2)
127
180
153
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
51.4
66
40.5
°C/W
RθJB
Junction-to-board thermal resistance
47.6
108
28.5
°C/W
ψJT
Junction-to-top characterization parameter
7.9
4.6
17.6
°C/W
ψJB
Junction-to-board characterization parameter
47
73.1
28.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
(2)
See the Package Thermal Characterization Methodologies application note (SZZA003) for an explanation of this parameter.
7.5 Electrical Characteristics: Driver
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
IO = 0, No load
3
4.3
|VOD|
Differential output voltage
RL = 54 W (see Figure 3)
1.5
2.3
V
VTEST = –7 V to 12 V (see Figure 4)
1.5
Change in magnitude of differential output
Δ|VOD|
See Figure 3 and Figure 4
–0.2
0
0.2
V
voltage
VOC(SS)
Steady-state common-mode output voltage
See Figure 5
1
2.6
3
V
Change in steady-state common-mode output
ΔVOC(SS)
–0.1
0
0.1
V
voltage
VOC(PP)
Common-mode output voltage
See Figure 5
500
mV
IOZ
High-impedance output current
See receiver input currents
μA
II
Input current
D, DE
–100
100
μA
IOS
Short-circuit output current
–7 V
≤ VO ≤ 12 V (see Figure 9)
–250
250
mA
(1)
All typical values are at 25°C and with a 5-V supply.
7.6 Electrical Characteristics: Receiver
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIT+
Positive-going input threshold voltage
IO = –8 mA
–85
–10
mV
VIT–
Negative-going input threshold voltage
IO = 8 mA
–200
–115
mV
Vhys
Hysteresis voltage (VIT+ – VIT–)
30
mV
VOH
High-level output voltage
VID = 200 mV, IOH = –8 mA (see Figure 10)
4
4.6
V
VOL
Low-level output voltage
VID = –200 mV, IOH = 8 mA (see Figure 10)
0.15
0.4
V
IOZ
High-impedance-state output current
VO = 0 to VCC, RE = VCC
–1
1
μA
VIH = 12 V, VCC = 5 V
0.5
VIH = 12 V, VCC = 0
0.5
II
Bus input current
mA
VIH = –7 V, VCC = 5 V
–0.4
VIH = –7 V, VCC = 0
–0.4
IIH
High-level input current (RE)
VIH = 2 V
–60
–30
μA
IIL
Low-level input current (RE)
VIL = 0.8 V
–60
–30
μA
Cdiff
Differential input capacitance
VI = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
7
pF
(1)
All typical values are at 25°C and with a 5-V supply.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN65HVD485E


Similar Part No. - SN65HVD485EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485EDR TI1-SN65HVD485EDR Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485EDRG4 TI1-SN65HVD485EDRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
More results

Similar Description - SN65HVD485EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX14781E MAXIM-MAX14781E_14 Datasheet
986Kb / 19P
   Half-Duplex RS-485 Transceiver with Polarity Correction
Rev 0; 12/13
logo
Sipex Corporation
SP483E SIPEX-SP483E_05 Datasheet
83Kb / 11P
   Enhanced Low EMI Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com