Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD1176DRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD1176DRG4
Description  RS-485 Transceivers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75HVD1176DRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN75HVD1176DRG4 Datasheet HTML 1Page - Texas Instruments SN75HVD1176DRG4 Datasheet HTML 2Page - Texas Instruments SN75HVD1176DRG4 Datasheet HTML 3Page - Texas Instruments SN75HVD1176DRG4 Datasheet HTML 4Page - Texas Instruments SN75HVD1176DRG4 Datasheet HTML 5Page - Texas Instruments SN75HVD1176DRG4 Datasheet HTML 6Page - Texas Instruments SN75HVD1176DRG4 Datasheet HTML 7Page - Texas Instruments SN75HVD1176DRG4 Datasheet HTML 8Page - Texas Instruments SN75HVD1176DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SN65HVD1176, SN75HVD1176
www.ti.com
SLLS563H – JULY 2003 – REVISED NOVEMBER 2015
6.5 Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DRIVER
VO
Open-circuit output voltage
A or B
No load
0
VCC
V
RL = 54 Ω
See Figure 6
2.1
2.9
V
Steady-state differential output voltage
With common-mode loading,
|VOD(SS)|
magnitude
(VTEST from –7 V to 12 V)
2.1
2.7
V
See Figure 7
Change in steady-state differential output
Δ|VOD(SS)|
See Figure 6 and Figure 11
–0.2
0
0.2
V
voltage between logic states
VOC(SS)
Steady-state common-mode output voltage
See Figure 10
2
2.5
3
V
Change in steady-state common-mode output
ΔVOC(SS)
See Figure 10
–0.2
0
0.2
V
voltage
VOC(PP)
Peak-to-peak common-mode output voltage
See Figure 10
0.5
V
Differential output voltage over and under
RL = 54 Ω, CL = 50 pF
VOD(RING)
10%
VOD(PP)
shoot
See Figure 11
II
Input current
D, DE
–50
50
μA
DE at VCC,
IOS(P)
Peak short-circuit output current
VOS = –7 V to 12 V
–250
250
mA
See Figure 13
VOS > 4 V,
60
90
135
mA
Output driving low
DE at VCC,
IOS(SS)
Steady-state short-circuit output current
See Figure 13
VOS < 1 V,
–135
–90
–60
mA
Output driving high
RECEIVER
Positive-going differential input voltage
VIT(+)
SeeFigure 14
VO = 2.4 V, IO = –8 mA
–80
–20
mV
threshold
Negative-going differential input voltage
VIT(–)
VO = 0.4 V, IO = 8 mA
–200
–120
mV
threshold
VHYS
Hysteresis voltage (VIT+ – VIT-)
40
mV
VID = 200 mV, IOH = –8 mA,
VOH
High-level output voltage
4
4.6
V
See Figure 14
VID = –200 mV, IOL = 8 mA,
VOL
Low-level output voltage
0.2
0.4
V
See Figure 14
IA, IB
VCC = 4.75 V to 5.25 V
–160
200
VI = –7 V to 12 V,
Bus pin input current
μA
IA(OFF)
Other input = 0 V
VCC = 0 V
–160
200
IB(OFF)
II
Receiver enable input current
RE
–50
50
μA
IOZ
High-impedance - state output current
RE = VCC
–1
1
μA
RI
Input resistance
60
k
Test input signal is a 1.5-MHz sine wave with
CID
Differential input capacitance
amplitude 1 VPP, capacitance measured across A
7
10
pF
and B
CMR
Common mode rejection
See Figure 16
4
V
(1)
All typical values are at VCC = 5 V and 25°C.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN65HVD1176 SN75HVD1176


Similar Part No. - SN75HVD1176DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD1176DRG4 TI-SN75HVD1176DRG4 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
More results

Similar Description - SN75HVD1176DRG4

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com