Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS050PWG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65LVDS050PWG4
Description  High-Speed Differential Line Drivers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS050PWG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDS050PWG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS050PWG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS050PWG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS050PWG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS050PWG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS050PWG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS050PWG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS050PWG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS050PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
3
SN65LVDS179, SN65LVDS180, SN65LVDS050, SN65LVDS051
www.ti.com
SLLS301R – APRIL 1998 – REVISED JANUARY 2016
Product Folder Links: SN65LVDS179 SN65LVDS180 SN65LVDS050 SN65LVDS051
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
5 Description (Continued)
These devices offer various driver, receiver, and enabling combinations in industry-standard footprints. Because
these devices are intended for use in simplex or distributed simplex bus structures, the driver enable function
does not put the differential outputs into a high-impedance state but rather disconnects the input and reduces the
quiescent power used by the device. For these functions with a high-impedance driver output, see the
SN65LVDM series of devices. All devices are characterized for operation from –40°C to 85°C.
6 Device Options
PACKAGE
SMALL OUTLINE (D)
SMALL OUTLINE (DGK)
SMALL OUTLINE (PW)
SN65LVDS050D
SN65LVDS050PW
SN65LVDS051D
SN65LVDS051PW
SN65LVDS179D
SN65LVDS179DGK
SN65LVDS180D
SN65LVDS180PW
Table 1. Maximum Recommended Operating Speeds
PART NUMBER
ALL BUFFERS ACTIVE
RX BUFFER ONLY
TX BUFFER ONLY
SN65LVDS179
150 Mbps
150 Mbps
400 Mbps
SN65LVDS180
150 Mbps
150 Mbps
400 Mbps
SN65LVDS050
100 Mbps
100 Mbps
400 Mbps
SN65LVDS051
100 Mbps
100 Mbps
400 Mbps


Similar Part No. - SN65LVDS050PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS050PWG4 TI-SN65LVDS050PWG4 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS050PWG4 TI-SN65LVDS050PWG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS050PWG4 TI-SN65LVDS050PWG4 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS050PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com