Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD200ADRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD200ADRG4
Description  Multipoint-LVDS Line Driver and Receiver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD200ADRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65MLVD200ADRG4 Datasheet HTML 4Page - Texas Instruments SN65MLVD200ADRG4 Datasheet HTML 5Page - Texas Instruments SN65MLVD200ADRG4 Datasheet HTML 6Page - Texas Instruments SN65MLVD200ADRG4 Datasheet HTML 7Page - Texas Instruments SN65MLVD200ADRG4 Datasheet HTML 8Page - Texas Instruments SN65MLVD200ADRG4 Datasheet HTML 9Page - Texas Instruments SN65MLVD200ADRG4 Datasheet HTML 10Page - Texas Instruments SN65MLVD200ADRG4 Datasheet HTML 11Page - Texas Instruments SN65MLVD200ADRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
2
2.2
2.4
2.6
2.8
−40
−15
10
35
60
85
TA − Free-Air Temperature − °C
VCC = 3.3 V
f = 1 MHz
RL = 50 Ω
tpHL
tpLH
3
3.20
3.40
3.60
3.80
4
−40
−15
10
35
60
85
TA − Free-Air Temperature − °C
VCC = 3.3 V
VID = 200 mV
VIC = 1 V
f = 1 MHz
CL = 15 pF
tpLH
tpHL
0
30
40
50
60
70
0
1
2
4
VOL − Low Level Output Voltage − V
3
10
20
VCC = 3.6 V
VCC = 3.3 V
VCC = 3.0 V
TA = 25°C
−90
−60
−50
−40
−30
−20
0
1
2
4
VOH − High Level Output Voltage − V
3
−80
−70
VCC = 3.0 V
−10
0
VCC = 3.6 V
VCC = 3.3 V
TA = 25°C
0
5
10
15
20
10
20
30
40
50
f − Frequency − MHz
TX
RX
VCC = 3.3 V
VID = 200 mV
VIC = 1 V
TA = 25°C
0
5
10
15
20
25
30
−40
−15
10
35
60
85
TA − Free-Air Temperature − °C
VCC = 3.3 V
f = 50 MHz
VID = 200 mV
VIC = 1 V
RX
TX
SN65MLVD200A, SN65MLVD202A
SN65MLVD204A, SN65MLVD205A
SLLS573D – DECEMBER 2003 – REVISED DECEMBER 2015
www.ti.com
7.11 Typical Characteristics
Figure 1. Supply Current vs Frequency
Figure 2. Supply Current vs Free-Air Temperature
Figure 4. Receiver High-Level Output Current
Figure 3. Receiver Low-Level Output Current
vs High-Level Output Voltage
vs Low-Level Output Voltage
Figure 6. Receiver Propagation Delay
Figure 5. Driver Propagation Delay vs Free-Air Temperature
vs Free-Air Temperature
8
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN65MLVD200A SN65MLVD202A SN65MLVD204A SN65MLVD205A


Similar Part No. - SN65MLVD200ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD200ADRG4 TI-SN65MLVD200ADRG4 Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200ADRG4 TI-SN65MLVD200ADRG4 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Similar Description - SN65MLVD200ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com