Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S7010-A2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # Q67060-S7010-A2
Description  Smart Two Channel Highside Power Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S7010-A2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button Q67060-S7010-A2 Datasheet HTML 4Page - Infineon Technologies AG Q67060-S7010-A2 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S7010-A2 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S7010-A2 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S7010-A2 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S7010-A2 Datasheet HTML 9Page - Infineon Technologies AG Q67060-S7010-A2 Datasheet HTML 10Page - Infineon Technologies AG Q67060-S7010-A2 Datasheet HTML 11Page - Infineon Technologies AG Q67060-S7010-A2 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BTS 707
Semiconductor Group
8
2003-Oct-01
GND disconnect
PROFET
V
IN
ST
OUT
GND
bb
V
bb
V
IN
V
ST
V
GND
Any kind of load. In case of IN = high is VOUT
≈ VIN - VIN(T+).
Due to VGND > 0, no VST = low signal available.
GND disconnect with GND pull up
PROFET
V
IN
ST
OUT
GND
bb
V
bb
V
GND
V
IN
V
ST
Any kind of load. If VGND > VIN - VIN(T+) device stays off
Due to VGND > 0, no VST = low signal available.
Vbb disconnect with energized inductive
load
PROFET
V
IN
ST
OUT
GND
bb
V
bb
high
For an inductive load current up to the limit defined by EAS
(max. ratings ) each switch is protected against loss of Vbb.
Consider at your PCB layout that in the case of Vbb dis-
connection with energized inductive load the whole load
current flows through the GND connection.
Inductive load switch-off energy
dissipation
PROFET
V
IN
ST
OUT
GND
bb
=
E
E
E
EAS
bb
L
R
ELoad
RL
L
{
L
Z
Energy stored in load inductance:
EL = 1/2·L·I
2
L
While demagnetizing load inductance, the energy
dissipated in PROFET is
EAS= Ebb + EL - ER= VON(CL)·iL(t) dt,
with an approximate solution for RL > 0 Ω:
EAS=
IL· L
2·RL
(Vbb + |VOUT(CL)|) ln (1+
IL·RL
|VOUT(CL)|
)


Similar Part No. - Q67060-S7010-A2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S7000-A2 INFINEON-Q67060-S7000-A2 Datasheet
355Kb / 16P
   Smart Four Channel Highside Power Switch
2003-Oct-01
Q67060-S7002-A2 INFINEON-Q67060-S7002-A2 Datasheet
360Kb / 15P
   Smart Four Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
Q67060-S7007-A2 SIEMENS-Q67060-S7007-A2 Datasheet
49Kb / 7P
   PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
Infineon Technologies A...
Q67060-S7007-A2 INFINEON-Q67060-S7007-A2 Datasheet
135Kb / 7P
   PWM Power Unit
2003-Oct-01
Q67060-S7025 INFINEON-Q67060-S7025 Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
More results

Similar Description - Q67060-S7010-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS612N1 INFINEON-BTS612N1 Datasheet
308Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS621L1 INFINEON-BTS621L1 Datasheet
337Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
ITS621L1 INFINEON-ITS621L1 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
ITS612N1 INFINEON-ITS612N1 Datasheet
314Kb / 14P
   Smart Two Channel Highside Power Switch For Industrial Applications
2006-Mar-28
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com