Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9538 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9538
Description  Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9538 Datasheet(HTML) 1 Page - Texas Instruments

  TCA9538 Datasheet HTML 1Page - Texas Instruments TCA9538 Datasheet HTML 2Page - Texas Instruments TCA9538 Datasheet HTML 3Page - Texas Instruments TCA9538 Datasheet HTML 4Page - Texas Instruments TCA9538 Datasheet HTML 5Page - Texas Instruments TCA9538 Datasheet HTML 6Page - Texas Instruments TCA9538 Datasheet HTML 7Page - Texas Instruments TCA9538 Datasheet HTML 8Page - Texas Instruments TCA9538 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TCA9538
Peripheral
Devices
I2C or SMBus
Master
(e.g. Processor)
SDA
SCL
INT
P0
P1
RESET
P2
P3
P4
P5
P6
P7
VCC
A1
GND
A0
,
ENABLE, or
control
inputs
or
status
outputs
• LEDs
RESET
INT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TCA9538
SCPS199C – AUGUST 2014 – REVISED OCTOBER 2015
TCA9538 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt
Output, Reset, and Configuration Registers
1 Features
2 Applications
1
Low Standby Current Consumption
Servers
I2C to Parallel Port Expander
Routers (Telecom Switching Equipment)
Open-Drain Active-Low Interrupt Output
Personal Computers
Active-Low Reset Input
Personal Electronics (e.g. Gaming Consoles)
Operating Power-Supply Voltage Range of 1.65 V
Industrial Automation
to 5.5 V
Products With GPIO-Limited Processors
5-V Tolerant I/O Ports
3 Description
400-kHz Fast I2C Bus
The TCA9538 is a 16-pin device that provides 8 bits
Two Hardware Address Pins Allow up to Four
of
general
purpose
parallel
input/output
(I/O)
Devices on the I2C/SMBus
expansion for the two-line bidirectional I2C bus (or
Input/Output Configuration Register
SMBus) protocol. The device can operate with a
Polarity Inversion Register
power supply voltage ranging from 1.65 V to 5.5 V.
The device supports both 100-kHz (Standard-mode)
Power-Up With All Channels Configured as Inputs
and 400-kHz (Fast-mode) clock frequencies. I/O
No Glitch on Power Up
expanders such as the TCA9538 provide a simple
Noise Filter on SCL/SDA Inputs
solution
when
additional
I/Os
are
needed
for
switches, sensors, push-buttons, LEDs, fans, etc.
Latched Outputs With High-Current Drive
Maximum Capability for Directly Driving LEDs
The features of the TCA9538 include an interrupt that
Latch-Up Performance Exceeds 100 mA Per
is generated on the INT pin whenever an input port
changes state. The A0 and A1 hardware selectable
JESD 78, Class II
address pins allow up to four TCA9538 devices on
ESD Protection Exceeds JESD 22
the same I2C bus. The device can also be reset to its
2000-V Human-Body Model (A114-A)
default sate by using the RESET feature or by cycling
1000-V Charged-Device Model (C101)
the power supply and causing a power-on reset.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TSSOP (16)
5.00 mm × 4.40 mm
TCA9538
SSOP (16)
6.20 mm × 5.30 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TCA9538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534ADWR TI1-TCA9534ADWR Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results

Similar Description - TCA9538

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
logo
Texas Instruments
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A_16 Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com