Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6507RUER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6507RUER
Description  Low-Voltage 7-Bit I2C and SMBus LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA6507RUER Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCA6507RUER Datasheet HTML 7Page - Texas Instruments TCA6507RUER Datasheet HTML 8Page - Texas Instruments TCA6507RUER Datasheet HTML 9Page - Texas Instruments TCA6507RUER Datasheet HTML 10Page - Texas Instruments TCA6507RUER Datasheet HTML 11Page - Texas Instruments TCA6507RUER Datasheet HTML 12Page - Texas Instruments TCA6507RUER Datasheet HTML 13Page - Texas Instruments TCA6507RUER Datasheet HTML 14Page - Texas Instruments TCA6507RUER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
P0
A
SCL
P3
Unstable
Data
Last Stable Bit
SDA
WRITE MODE (R/
= 0)
W
DUT
P-PORT LOAD CONFIGURATION
Pn
500
500
2
V
×
CC
0.7
V
×
CC
0.3
V
×
CC
C = 50 pF
(see Note A)
L
Slave
ACK
t
(see Note B)
pv
Pn
TCA6507
www.ti.com
SCPS164C – MAY 2007 – REVISED JANUARY 2016
Parameter Measurement Information (continued)
A.
CL includes probe and jig capacitance.
B.
All inputs are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
C.
The outputs are measured one at a time, with one transition per measurement.
D.
All parameters and waveforms are not applicable to all devices.
Figure 9. P-Port Load Circuit and Voltage Waveforms
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TCA6507


Similar Part No. - TCA6507RUER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507RUER TI-TCA6507RUER Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507RUER TI-TCA6507RUER Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
More results

Similar Description - TCA6507RUER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI-TCA6507 Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
Intersil Corporation
ISL97677 INTERSIL-ISL97677 Datasheet
967Kb / 23P
   SMBus/I2C 8-Channel LED Driver
logo
Renesas Technology Corp
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
   SMBus/I2C 8-Channel LED Driver
logo
Texas Instruments
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
logo
Linear Technology
LTC4311 LINER-LTC4311 Datasheet
139Kb / 12P
   Low Voltage I2C/SMBus Accelerator
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com