Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6507ZXUR Datasheet(PDF) 8 Page - Texas Instruments

Part # TCA6507ZXUR
Description  Low-Voltage 7-Bit I2C and SMBus LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA6507ZXUR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCA6507ZXUR Datasheet HTML 4Page - Texas Instruments TCA6507ZXUR Datasheet HTML 5Page - Texas Instruments TCA6507ZXUR Datasheet HTML 6Page - Texas Instruments TCA6507ZXUR Datasheet HTML 7Page - Texas Instruments TCA6507ZXUR Datasheet HTML 8Page - Texas Instruments TCA6507ZXUR Datasheet HTML 9Page - Texas Instruments TCA6507ZXUR Datasheet HTML 10Page - Texas Instruments TCA6507ZXUR Datasheet HTML 11Page - Texas Instruments TCA6507ZXUR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Temperature,
°C)
T (
A
0
10
20
30
40
50
60
-40
-25
-10
5
20
35
50
65
80
95
110
125
1.8 V
2.5 V
3.6 V
All Outputs Loaded
I = 5 mA
L
Temperature,
°C)
T (
A
116
118
120
122
124
126
128
–40
–25
–10
5
20
35
50
65
80
95
110
125
1.8 V
2.5 V
3.6 V
Temperature, T (
)
A °C
0
5
10
15
20
25
–40
–25
–10
5
20
35
50
65
80
95
110
125
1.8 V
2.5 V
3.6 V
Temperature,
°C)
T (
A
0
20
40
60
80
100
120
–40
–25
–10
5
20
35
50
65
80
95
110
125
All Outputs Loaded
I = 10 mA
L
1.8 V
2.5 V
3.6 V
0
1
2
3
4
5
6
7
–40
–25
–10
5
20
35
50
65
80
95
110
125
Temperature, TA (°C)
1.8 V
2.5 V
3.6 V
0
2
4
6
8
10
12
14
–40
–25
–10
5
20
35
50
65
80
95
110
125
Temperature, T (
)
A °C
1.8 V
2.5 V
3.6 V
TCA6507
SCPS164C – MAY 2007 – REVISED JANUARY 2016
www.ti.com
6.9 Typical Characteristics
Figure 2. Supply Current vs Temperature
Figure 1. Standby Current vs Temperature
[EN is High (PWM Enabled), fSCL = 0]
[EN is Low (PWM Disabled), fSCL = 0]
Figure 4. Port Output Low Voltage vs Temperature
Figure 3. Supply Current vs Temperature
[EN is High (PWM Enabled), fSCL = 400 kHz]
Figure 6. PWM Frequency vs Temperature
Figure 5. Port Output Low Voltage vs Temperature
8
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: TCA6507


Similar Part No. - TCA6507ZXUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507ZXUR TI-TCA6507ZXUR Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507ZXUR TI-TCA6507ZXUR Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
More results

Similar Description - TCA6507ZXUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI-TCA6507 Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
Intersil Corporation
ISL97677 INTERSIL-ISL97677 Datasheet
967Kb / 23P
   SMBus/I2C 8-Channel LED Driver
logo
Renesas Technology Corp
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
   SMBus/I2C 8-Channel LED Driver
logo
Texas Instruments
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
logo
Linear Technology
LTC4311 LINER-LTC4311 Datasheet
139Kb / 12P
   Low Voltage I2C/SMBus Accelerator
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com