Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C752CI-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TL16C752CI-Q1
Description  Dual UART
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752CI-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL16C752CI-Q1_16 Datasheet HTML 3Page - Texas Instruments TL16C752CI-Q1_16 Datasheet HTML 4Page - Texas Instruments TL16C752CI-Q1_16 Datasheet HTML 5Page - Texas Instruments TL16C752CI-Q1_16 Datasheet HTML 6Page - Texas Instruments TL16C752CI-Q1_16 Datasheet HTML 7Page - Texas Instruments TL16C752CI-Q1_16 Datasheet HTML 8Page - Texas Instruments TL16C752CI-Q1_16 Datasheet HTML 9Page - Texas Instruments TL16C752CI-Q1_16 Datasheet HTML 10Page - Texas Instruments TL16C752CI-Q1_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
7
TL16C752CI-Q1
www.ti.com
SLLSEQ9A – OCTOBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: TL16C752CI-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC = 1.8 V ±10%
VCC
Supply voltage
1.62
1.8
1.98
V
VI
Input voltage
–0.3
0.9 × VCC
V
VIH
High-level input voltage
1.4
V
VIL
Low-level input voltage
0.4
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
–0.5
mA
IOL
Low-level output current
All outputs
1
mA
Oscillator/clock speed
16
MHz
VCC = 2.5 V ±10%
VCC
Supply voltage
2.25
2.5
2.75
V
VI
Input voltage
–0.3
0.9 × VCC
V
VIH
High-level input voltage
1.8
V
VIL
Low-level input voltage
0.6
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
–1
mA
IOL
Low-level output current
All outputs
2
mA
Oscillator/clock speed
24
MHz
VCC = 3.3 V ±10%
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage
–0.3
VCC
V
VIH
High-level input voltage
0.7 × VCC
V
VIL
Low-level input voltage
0.8
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
–1.8
mA
IOL
Low-level output current
All outputs
3.2
mA
Oscillator or clock speed
32
MHz
VCC = 5 V ±10%
VCC
Supply voltage
4.5
5
5.5
V
VI
Input voltage
–0.3
VCC
V
VIH
High-level input voltage
Except XTAL1
2
V
XTAL1
0.7 × VCC
VIL
Low-level input voltage
Except XTAL1
0.8
V
XTAL1
0.3 × VCC
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
–4
mA
IOL
Low-level output current
All outputs
4
mA
Oscillator or clock speed
48
MHz


Similar Part No. - TL16C752CI-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752CIPFB TI-TL16C752CIPFB Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIPFBR TI-TL16C752CIPFBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHB TI-TL16C752CIRHB Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C752CI-Q1_16

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
Texas Instruments
NS16C2552 TI1-NS16C2552_17 Datasheet
1Mb / 53P
[Old version datasheet]   Dual Independent UART
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
logo
Future Technology Devic...
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
   Dual USB UART / FIFO I.C.
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
   Dual USB UART / FIFO I.C.
logo
Exar Corporation
XR68C681 EXAR-XR68C681 Datasheet
1Mb / 75P
   CMOS Dual Channel UART (DUART)
logo
Future Technology Devic...
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
   Dual USB UART/FIFO I.C.
logo
Exar Corporation
XR88C681 EXAR-XR88C681_06 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
logo
Laird Tech Smart Techno...
BT830 LSTD-BT830 Datasheet
2Mb / 40P
   Dual-Mode UART HCI Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com