Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN1042DRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN1042DRQ1
Description  Automotive Fault Protected CAN Tranceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042DRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCAN1042DRQ1 Datasheet HTML 4Page - Texas Instruments TCAN1042DRQ1 Datasheet HTML 5Page - Texas Instruments TCAN1042DRQ1 Datasheet HTML 6Page - Texas Instruments TCAN1042DRQ1 Datasheet HTML 7Page - Texas Instruments TCAN1042DRQ1 Datasheet HTML 8Page - Texas Instruments TCAN1042DRQ1 Datasheet HTML 9Page - Texas Instruments TCAN1042DRQ1 Datasheet HTML 10Page - Texas Instruments TCAN1042DRQ1 Datasheet HTML 11Page - Texas Instruments TCAN1042DRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
TCAN1042-Q1, TCAN1042V-Q1, TCAN1042H-Q1
TCAN1042HV-Q1, TCAN1042G-Q1, TCAN1042GV-Q1
TCAN1042HG-Q1, TCAN1042HGV-Q1
SLLSES9 – FEBRUARY 2016
www.ti.com
Product Folder Links: TCAN1042-Q1 TCAN1042V-Q1 TCAN1042H-Q1 TCAN1042HV-Q1 TCAN1042G-Q1
TCAN1042GV-Q1 TCAN1042HG-Q1 TCAN1042HGV-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended operating conditions with TA = –55°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
CM
Common mode range, standby mode
Devices with the "V" suffix (I/O Level
Shifting Devices), See Figure 6,
Table 6 and Table 1, STB = VIO, 4.5 V
≤ VIO ≤ 5.5 V
-12
12
V
Devices with the "V" suffix (I/O Level
Shifting Devices), See Figure 6,
Table 6 and Table 1, STB = VIO, 3.0 V
≤ VIO ≤ 4.5 V
-2
+7
Devices without the "V" suffix (5V
only), See Figure 6, Table 6 and
Table 1, STB = VCC
-12
12
VIT(STANDBY) Input threshold voltage, standby mode
STB = VCC or VIO
400
1150
mV
ILKG(IOFF)
Power-off (unpowered) bus input leakage
current
CANH = CANL = 5 V, VCC = VIO = 0 V
6
µA
CI
Input capacitance to ground (CANH or
CANL)
TXD = VCC, VIO = VCC, VI = 0.4 sin
(4E6
π t) + 2.5 V
24
30
pF
CID
Differential input capacitance (CANH to
CANL)
TXD = VCC, VIO = VCC, VI = 0.4 sin
(4E6
π t)
12
15
RID
Differential input resistance
TXD = VCC = VIO = 5 V, STB = 0 V
30
80
k
RIN
Input resistance (CANH or CANL)
15
40
RIN(M)
Input resistance matching:
[1 – RIN(CANH) / RIN(CANL)] × 100%
V(CANH) = V(CANL)
–2%
2%


Similar Part No. - TCAN1042DRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042DRQ1 TI1-TCAN1042DRQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042DRQ1 TI1-TCAN1042DRQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Similar Description - TCAN1042DRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1044-Q1 TI1-TCAN1044-Q1_V02 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V03 Datasheet
1Mb / 40P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
TCAN1044-Q1 TI1-TCAN1044-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TCAN1044-Q1 Automotive Fault-Protected CAN FD Transceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com