Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN1042HGDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN1042HGDR
Description  Fault Protected CAN Tranceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN1042HGDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCAN1042HGDR Datasheet HTML 7Page - Texas Instruments TCAN1042HGDR Datasheet HTML 8Page - Texas Instruments TCAN1042HGDR Datasheet HTML 9Page - Texas Instruments TCAN1042HGDR Datasheet HTML 10Page - Texas Instruments TCAN1042HGDR Datasheet HTML 11Page - Texas Instruments TCAN1042HGDR Datasheet HTML 12Page - Texas Instruments TCAN1042HGDR Datasheet HTML 13Page - Texas Instruments TCAN1042HGDR Datasheet HTML 14Page - Texas Instruments TCAN1042HGDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
VO
CL_RXD
CANH
RXD
CANL
VID
V ID
0 . 5 V
0 . 9 V
1 . 5 V
0 V
V O(RXD)
50 %
V OH
V OL
t pDL
t pRH
90 %
10 %
tR
tF
IO
VOD
RL
CANH
CANL
TXD
RCM
RCM
VCM
CL
TXD
0.9 V
0.5 V
VOD
tpLD
tpHR
50%
50%
VO(CANH)
VO(CANL)
tR
tF
0V
90%
10%
VCC
11
TCAN1042H, TCAN1042HG
TCAN1042HGV, TCAN1042HV
www.ti.com
SLLSES7 – FEBRUARY 2016
Product Folder Links: TCAN1042H TCAN1042HG TCAN1042HGV TCAN1042HV
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Parameter Measurement Information
Figure 5. Driver Test Circuit and Measurement
Figure 6. Receiver Test Circuit and Measurement
Figure 7. tMODE Test Circuit and Measurement


Similar Part No. - TCAN1042HGDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042HGDR TI1-TCAN1042HGDR Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042HGDRBRQ1 TI1-TCAN1042HGDRBRQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042HGDRBTQ1 TI1-TCAN1042HGDRBTQ1 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042HGDRQ1 TI1-TCAN1042HGDRQ1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
TCAN1042HGDRQ1 TI1-TCAN1042HGDRQ1 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results

Similar Description - TCAN1042HGDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1 Datasheet
611Kb / 32P
[Old version datasheet]   Automotive Fault Protected CAN Tranceiver
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
   Overvoltage Fault Protected CAN Transceiver
logo
Texas Instruments
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
logo
Maxim Integrated Produc...
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com