Electronic Components Datasheet Search |
|
SN65LVDS179DR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
SN65LVDS179DR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 50 page 6 SN65LVDS179, SN65LVDS180, SN65LVDS050, SN65LVDS051 SLLS301R – APRIL 1998 – REVISED JANUARY 2016 www.ti.com Product Folder Links: SN65LVDS179 SN65LVDS180 SN65LVDS050 SN65LVDS051 Submit Documentation Feedback Copyright © 1998–2016, Texas Instruments Incorporated Pin Functions: SN65LVDS051 PIN I/O DESCRIPTION NAME NUMBER VCC 16 – Supply voltage GND 8 – Ground 1D 15 I LVTTL input signal 1Y 14 O Differential (LVDS) non-inverting output 1Z 13 O Differential (LVDS) inverting output 2D 9 I LVTTL input signal 2Y 10 O Differential (LVDS) non-inverting output 2Z 11 O Differential (LVDS) inverting output 1R 3 O LVTTL output signal 1A 2 I Differential (LVDS) non-inverting input 1B 1 I Differential (LVDS) inverting input 2R 5 O LVTTL output signal 2A 6 I Differential (LVDS) non-inverting input 2B 7 I Differential (LVDS) inverting input 1DE 4 I Driver 1 enable 2DE 12 I Driver 2 enable (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential I/O bus voltages are with respect to network ground terminal. 8 Specifications 8.1 Absolute Maximum Ratings (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC (2) Supply voltage range –0.5 4 V Voltage range: D, R, DE, RE –0.5 6 V Y, Z, A, and B –0.5 4 V |VOD| Differential output voltage 1 V Continuous power dissipation See Thermal Information Tstg Storage temperature –65 150 °C (1) Tested in accordance with MIL-STD-883C Method 3015.7. 8.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Y, Z, A, B , and GND (see (1)) Class 3, A ±12000 V Class 3, B ±600 V All Class 3, A ±7000 V Class 3, B ±500 V Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds 250 °C |
Similar Part No. - SN65LVDS179DR |
|
Similar Description - SN65LVDS179DR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |