Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCAN332DCNT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TCAN332DCNT
Description  CAN Transceivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAN332DCNT Datasheet(HTML) 5 Page - Texas Instruments

  TCAN332DCNT Datasheet HTML 1Page - Texas Instruments TCAN332DCNT Datasheet HTML 2Page - Texas Instruments TCAN332DCNT Datasheet HTML 3Page - Texas Instruments TCAN332DCNT Datasheet HTML 4Page - Texas Instruments TCAN332DCNT Datasheet HTML 5Page - Texas Instruments TCAN332DCNT Datasheet HTML 6Page - Texas Instruments TCAN332DCNT Datasheet HTML 7Page - Texas Instruments TCAN332DCNT Datasheet HTML 8Page - Texas Instruments TCAN332DCNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
www.ti.com
SLLSEQ7A – DECEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to ground terminal.
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply Voltage range, VCC
–0.3
5
V
Voltage at any bus terminal (CANH or CANL), V(BUS)
–14
14
V
Logic input terminal voltage range V(Logic_Input)
–0.3
5
V
Logic output terminal voltage range, V(Logic_Output)
–0.3
5
V
Logic output current, IO(LOGIC)
8
mA
Operating junction temperature range, TJ
–40
150
°C
Storage temperature, Tstg
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. .
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per
ANSI/ESDA/JEDEC JS-001(1)
All pins except CANH and
CANL
±4000
V
Pins CANH and CANL
±25000
Charged-device model (CDM), per JEDEC
specification JESD22-C101(2)
All pins
±1500
IEC 61400-4-2 Contact Discharge
CANH and CANL terminals to
GND
±12000
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.6
V
IOH(LOGIC)
Logic terminal HIGH level output current
–2
mA
IOL(LOGIC)
Logic terminal LOW level output current
2
TA
Operational free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
8.4 Thermal Information
THERMAL METRIC(1)
TCAN33x
TCAN33x
UNIT
D (SOIC)
DCN (SOT-23)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
114.4
154.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
58.7
76.6
°C/W
RθJB
Junction-to-board thermal resistance
55.2
49.2
°C/W
ψJT
Junction-to-top characterization parameter
11.7
11.9
°C/W
ψJB
Junction-to-board characterization parameter
54.6
49.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
PD
Average power dissipation
VCC = 3.3 V, TJ = 27°C, RL = 60 Ω, SHDN, S and
STB at 0 V, Input to TXD at 500 kHz, 50% duty cycle
square wave, CL(RXD) = 15 pF
65
65
mW
TSD
Thermal shutdown temperature
175
175
°C
THYS
Thermal shutdown hysteresis
5
5
°C


Similar Part No. - TCAN332DCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCAN332DCNT TI1-TCAN332DCNT Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
More results

Similar Description - TCAN332DCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD252 TI1-SN65HVD252_13 Datasheet
804Kb / 18P
[Old version datasheet]   DeviceNet CAN Transceivers
SN65HVD252 TI1-SN65HVD252 Datasheet
585Kb / 17P
[Old version datasheet]   DeviceNet??CAN Transceivers
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
[Old version datasheet]   Turbo CAN Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDRG4Q1 TI-SN65HVD230QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233_08 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com