Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS723GW Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS723GW
Description  Smart High-Side Power Switch Two Channels: 2 x 100m??Status Feedback Suitable for 42V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS723GW Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS723GW Datasheet HTML 1Page - Infineon Technologies AG BTS723GW Datasheet HTML 2Page - Infineon Technologies AG BTS723GW Datasheet HTML 3Page - Infineon Technologies AG BTS723GW Datasheet HTML 4Page - Infineon Technologies AG BTS723GW Datasheet HTML 5Page - Infineon Technologies AG BTS723GW Datasheet HTML 6Page - Infineon Technologies AG BTS723GW Datasheet HTML 7Page - Infineon Technologies AG BTS723GW Datasheet HTML 8Page - Infineon Technologies AG BTS723GW Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
BTS 723 GW
Infineon Technologies AG
4
2003-Oct-01
Maximum Ratings at Tj = 25°C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 6)
Vbb
58
V
Supply voltage for full short circuit protection
Tj,start = -40 ...+150°C
Vbb
50
V
Output Voltage to V
bb
V
ON
70
V
Negative voltage slope at output
-dV
OUT/dt
20
V/µs
Load current (Short-circuit current, see page 7)
IL
I
L(LIM)
1)
A
Load dump protection2) VLoadDump = VA + Vs, VA = 27 V
RI3) = 8
Ω, td = 200 ms; IN = low or high,
each channel loaded with RL = 20
Ω,
VLoaddump4)
70
V
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC)5)
Ta = 25°C:
(all channels active)
Ta = 85°C:
Ptot
3.0
1.6
W
Maximal switchable inductance, single pulse
Vbb = 12V, Tj,start = 150°C5),
IL = 2.5 A, EAS = 110 mJ, 0 Ω
one channel:
IL = 3.5 A, EAS = 278 mJ, 0 Ω
two parallel channels:
see diagrams on page 12
ZL
23.0
30.0
mH
Electrostatic discharge capability (ESD):
(Human Body Model) acc. MIL-STD883D, method 3015.7 and ESD
assn. std. S5.1-1993 R=1.5k
Ω; C=100pF
VESD
1.0
kV
Input voltage (DC)
VIN
±42
V
Current through input pin (DC)
Current through status pin (DC)
IIN
IST
±2.0
±2.0
mA
Status pull up voltage
VSPU
±42
V
1) Current limit is a protection function. Operation in current limitation is considered as "outside" normal
operating range. Protection functions are not designed for continuous repetitive operation.
2
)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins (a 150Ω
resistor for the GND connection is recommended.
3)
RI = internal resistance of the load dump test pulse generator
4)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
5
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air. See page 15


Similar Part No. - BTS723GW

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS723GW INFINEON-BTS723GW Datasheet
314Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-09-25
BTS723GW INFINEON-BTS723GW_07 Datasheet
314Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-09-25
More results

Similar Description - BTS723GW

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
logo
Infineon Technologies A...
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5215L INFINEON-BTS5215L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
2003-Oct-01
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS840S2 INFINEON-BTS840S2 Datasheet
338Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com