Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S7002-A2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # Q67060-S7002-A2
Description  Smart Four Channel Highside Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S7002-A2 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button Q67060-S7002-A2 Datasheet HTML 2Page - Infineon Technologies AG Q67060-S7002-A2 Datasheet HTML 3Page - Infineon Technologies AG Q67060-S7002-A2 Datasheet HTML 4Page - Infineon Technologies AG Q67060-S7002-A2 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S7002-A2 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S7002-A2 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S7002-A2 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S7002-A2 Datasheet HTML 9Page - Infineon Technologies AG Q67060-S7002-A2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BTS721L1
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
6
2003-Oct-01
Diagnostic Characteristics
Open load detection current, (on-condition)
each channel, Tj = -40°C:
Tj = 25°C:
Tj = 150°C:
I L (OL)
1
20
20
20
--
--
--
400
300
300
mA
two parallel channels
twice the current of one channel
four parallel channels
four times the current of one channel
Open load detection voltage13)
Tj =-40..+150°C: VOUT(OL)
2
3
4V
Internal output pull down
(OUT to GND), VOUT = 5 V
Tj =-40..+150°C: RO
4
10
30
k
Input and Status Feedback14)
Input resistance
(see circuit page 8)
Tj =-40..+150°C:
RI
2.5
3.5
6
k
Input turn-on threshold voltage
Tj =-40..+150°C:
VIN(T+)
1.7
--
3.5
V
Input turn-off threshold voltage
Tj =-40..+150°C:
VIN(T-)
1.5
--
--
V
Input threshold hysteresis
∆ V
IN(T)
--
0.5
--
V
Off state input current
VIN = 0.4 V:
Tj =-40..+150°C:
IIN(off)
1
--
50
µA
On state input current
VIN = 5 V:
Tj =-40..+150°C:
IIN(on)
20
50
90
µA
Delay time for status with open load after switch
off (other channel in off state)
(see timing diagrams, page 14
),
Tj =-40..+150°C:
td(ST OL4)
100
320
800
µs
Delay time for status with open load after switch
off (other channel in on state)
(see timing diagrams, page 14
),
Tj =-40..+150°C:
td(ST OL5)
--
5
20
µs
Status invalid after positive input slope
(open load)
Tj =-40..+150°C:
td(ST)
--
200
600
µs
Status output (open drain)
Zener limit voltage
Tj =-40...+150°C, IST = +1.6 mA:
ST low voltage
Tj =-40...+25°C, IST = +1.6 mA:
Tj = +150°C, IST = +1.6 mA:
VST(high)
VST(low)
5.4
--
--
6.1
--
--
--
0.4
0.6
V
13) External pull up resistor required for open load detection in off state.
14) If ground resistors R
GND are used, add the voltage drop across these resistors.


Similar Part No. - Q67060-S7002-A2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S7000-A2 INFINEON-Q67060-S7000-A2 Datasheet
355Kb / 16P
   Smart Four Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
Q67060-S7007-A2 SIEMENS-Q67060-S7007-A2 Datasheet
49Kb / 7P
   PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
Infineon Technologies A...
Q67060-S7007-A2 INFINEON-Q67060-S7007-A2 Datasheet
135Kb / 7P
   PWM Power Unit
2003-Oct-01
More results

Similar Description - Q67060-S7002-A2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS712N1 INFINEON-BTS712N1 Datasheet
360Kb / 15P
   Smart Four Channel Highside Power Switch
2004-Mar-11
BTS712N1 INFINEON-BTS712N1_10 Datasheet
1Mb / 17P
   Smart Four Channel Highside Power Switch
Rev 1.3, 2010-03-16
BTS711L1 INFINEON-BTS711L1_10 Datasheet
1Mb / 18P
   Smart Four Channel Highside Power Switch
Rev 1.2, 2010-03-16
BTS711L1 INFINEON-BTS711L1 Datasheet
355Kb / 16P
   Smart Four Channel Highside Power Switch
2003-Oct-01
ITS711L1 INFINEON-ITS711L1 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com