Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS728L2 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTS728L2
Description  Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS728L2 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS728L2 Datasheet HTML 6Page - Infineon Technologies AG BTS728L2 Datasheet HTML 7Page - Infineon Technologies AG BTS728L2 Datasheet HTML 8Page - Infineon Technologies AG BTS728L2 Datasheet HTML 9Page - Infineon Technologies AG BTS728L2 Datasheet HTML 10Page - Infineon Technologies AG BTS728L2 Datasheet HTML 11Page - Infineon Technologies AG BTS728L2 Datasheet HTML 12Page - Infineon Technologies AG BTS728L2 Datasheet HTML 13Page - Infineon Technologies AG BTS728L2 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BTS 728 L2
Semiconductor Group
11
2003-Oct-01
Figure 1a: Vbb turn on:
IN2
V
OUT1
t
V
bb
ST1 open drain
IN1
V
OUT2
ST2 open drain
Figure 2a: Switching a resistive load,
turn-on/off time and slew rate definition:
IN
t
V
OUT
I
L
t
t
on
off
90%
dV/dton
dV/dtoff
10%
Figure 2b: Switching a lamp:
IN
ST
OUT
L
t
V
I
The initial peak current should be limited by the lamp and not by the
current limit of the device.
Figure 2c: Switching an inductive load
IN
ST
L
t
V
I
OUT
I
L(OL)
Timing diagrams
Both channels are symmetric and consequently the diagrams are valid for channel 1 and
channel 2


Similar Part No. - BTS728L2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
More results

Similar Description - BTS728L2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
logo
Infineon Technologies A...
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5215L INFINEON-BTS5215L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
2003-Oct-01
BTS723GW INFINEON-BTS723GW Datasheet
330Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 100m??Status Feedback Suitable for 42V
2003-Oct-01
BTS428L2 INFINEON-BTS428L2 Datasheet
240Kb / 13P
   Smart High-Side Power Switch One Channel: 60m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS428L2 SIEMENS-BTS428L2 Datasheet
88Kb / 12P
   Smart High-Side Power Switch One Channel:60m-ohm Status Feedback
logo
Infineon Technologies A...
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com