Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS737S3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS737S3
Description  Smart High-Side Power Switch Four Channels: 4 x 35m??Advanced Current Sense
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS737S3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS737S3 Datasheet HTML 1Page - Infineon Technologies AG BTS737S3 Datasheet HTML 2Page - Infineon Technologies AG BTS737S3 Datasheet HTML 3Page - Infineon Technologies AG BTS737S3 Datasheet HTML 4Page - Infineon Technologies AG BTS737S3 Datasheet HTML 5Page - Infineon Technologies AG BTS737S3 Datasheet HTML 6Page - Infineon Technologies AG BTS737S3 Datasheet HTML 7Page - Infineon Technologies AG BTS737S3 Datasheet HTML 8Page - Infineon Technologies AG BTS737S3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Datasheet BTS737S3
Infineon technologies
4
2004-Feb-19
Maximum Ratings at Tj = 25°C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 6)
Vbb
40
V
Supply voltage for full short circuit protection1)
Tj,start = -40 ...+150°C
Vbb
36
V
Load current (Short-circuit current, see page 6)
IL
I
L(lim)
2
Load dump protection3) VLoadDump = VA + Vs, VA = 13.5 V
RI4) = 2
Ω, td = 400 ms; IN = low or high,
each channel loaded with RL = 4.7
Ω,
VLoaddump5)
60
V
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC)6)
Ta = 25°C:
(all channels active)
Ta = 85°C:
Ptot
3.7
1.9
W
Maximal switchable inductance, single pulse
Vbb = 12V, Tj,start = 150°C6),
IL = 4.0 A, EAS = 0.8J, 0 Ω
one channel:
IL = 6.0 A, EAS = 1.0J, 0 Ω
two parallel channels:
IL = 9.5 A, EAS = 1.5J, 0 Ω
four parallel channels:
see diagrams on page 10
ZL
33
37
64
mH
Electrostatic discharge capability (ESD)
IN:
(Human Body Model)
IS:
out to all other pins shorted:
acc. MIL-STD883D, method 3015.7 and ESD assn. std. S5.1-1993
R=1.5k
Ω; C=100pF
VESD
1.0
4.0
8.0
kV
Input voltage (DC)
VIN
-10 ... +16
V
Current through input pin (DC)
Current through sense pin (DC)
see internal circuit diagram page 9
IIN
IIS
±0.3
±0.3
mA
1)
Single pulse
2) Current limit is a protection function. Operation in current limitation is considered as "outside" normal
operating range. Protection functions are not designed for continuous repetitive operation.
3)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins (a 75Ω
resistor for the GND connection is recommended.
4)
RI = internal resistance of the load dump test pulse generator
5)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
6)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air. See page 15


Similar Part No. - BTS737S3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS730 SIEMENS-BTS730 Datasheet
49Kb / 7P
   PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
Infineon Technologies A...
BTS730 INFINEON-BTS730 Datasheet
135Kb / 7P
   PWM Power Unit
2003-Oct-01
BTS730 INFINEON-BTS730 Datasheet
187Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-12-17
BTS730 INFINEON-BTS730_07 Datasheet
187Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-12-17
logo
Siemens Semiconductor G...
BTS733L1 SIEMENS-BTS733L1 Datasheet
173Kb / 14P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
More results

Similar Description - BTS737S3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS840S2 INFINEON-BTS840S2 Datasheet
338Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
BTS740S2 INFINEON-BTS740S2 Datasheet
482Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
ITS724G INFINEON-ITS724G Datasheet
432Kb / 14P
   Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 90m?
2006-Mar-28
ITS716G INFINEON-ITS716G Datasheet
432Kb / 14P
   Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 140m?
2006-Mar-23
logo
International Rectifier
AUIPS7142G IRF-AUIPS7142G_15 Datasheet
154Kb / 17P
   DUAL CHANNELS CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
BTS640S2G INFINEON-BTS640S2G Datasheet
307Kb / 17P
   Smart Sense High-Side Power Switch
V1.1, 2008-19-08
BTS640S2 INFINEON-BTS640S2 Datasheet
240Kb / 15P
   Smart Sense High-Side Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com