Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS740S2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS740S2
Description  Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS740S2 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS740S2 Datasheet HTML 2Page - Infineon Technologies AG BTS740S2 Datasheet HTML 3Page - Infineon Technologies AG BTS740S2 Datasheet HTML 4Page - Infineon Technologies AG BTS740S2 Datasheet HTML 5Page - Infineon Technologies AG BTS740S2 Datasheet HTML 6Page - Infineon Technologies AG BTS740S2 Datasheet HTML 7Page - Infineon Technologies AG BTS740S2 Datasheet HTML 8Page - Infineon Technologies AG BTS740S2 Datasheet HTML 9Page - Infineon Technologies AG BTS740S2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PROFET® BTS 740 S2
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 12 V unless otherwise specified
min
typ
max
Semiconductor Group
6
2003-Oct-01
Reverse Battery
Reverse battery voltage 15)
-Vbb
--
--
32
V
Drain-source diode voltage (Vout > Vbb)
IL = - 4.0 A, Tj = +150°C
-VON
--
600
--
mV
Diagnostic Characteristics
Current sense ratio16), static on-condition,
VIS = 0...5 V, Vbb(on) = 6.517)...27V,
kILIS = IL / IIS
Tj = -40°C, IL = 5 A: kILIS
4350
4800
5800
Tj= -40°C, IL= 0.5 A:
3100
4800
7800
Tj= 25...+150°C, IL= 5 A:
Tj= 25...+150°C, IL = 0.5 A:
4350
3800
4800
4800
5350
6300
Current sense output voltage limitation
Tj = -40 ...+150°C
IIS = 0, IL = 5 A:
VIS(lim)
5.4
6.1
6.9
V
Current sense leakage/offset current
Tj = -40 ...+150°C
VIN=0, VIS = 0, IL = 0: IIS(LL)
0
--
1
µA
VIN=5 V, VIS = 0, IL = 0: IIS(LH)
0
--
15
VIN=5 V, VIS = 0, VOUT = 0 (short circuit) IIS(SH) 18)
0
--
10
Current sense settling time to IIS static
±10% after
positive input slope18), IL = 0
5 A
tson(IS)
--
--
300
µs
Current sense settling time to 10% of IIS static after
negative input slope18), IL = 5
0 A
tsoff(IS)
--
30
100
µs
Current sense rise time (60% to 90%) after change
of load current18) IL = 2.5
5 A
tslc(IS)
--
10
--
µs
Open load detection voltage19) (off-condition)
VOUT(OL)
2
3
4V
Internal output pull down
(pin 17,18 to 2 resp. 13,14 to 6), VOUT=5 V
RO
5
15
40
k
15
) Requires a 150 Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Power dissipation is higher compared to normal operating
conditions due to the voltage drop across the drain-source diode. The temperature protection is not active
during reverse current operation! Input and Status currents have to be limited (see max. ratings page 3 and
circuit page 9).
16) This range for the current sense ratio refers to all devices. The accuracy of the k
ILIS can be raised at least by
a factor of two by matching the value of k
ILIS for every single device.
In the case of current limitation the sense current IIS is zero and the diagnostic feedback potential VST is
High. See figure 2c, page 12.
17) Valid if Vbb(u rst) was exceeded before.
18) not subject to production test, specified by design
19) External pull up resistor required for open load detection in off state.


Similar Part No. - BTS740S2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS740S2 INFINEON-BTS740S2 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
More results

Similar Description - BTS740S2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS840S2 INFINEON-BTS840S2 Datasheet
338Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
logo
Infineon Technologies A...
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5215L INFINEON-BTS5215L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
2003-Oct-01
BTS737S3 INFINEON-BTS737S3 Datasheet
294Kb / 15P
   Smart High-Side Power Switch Four Channels: 4 x 35m??Advanced Current Sense
2004-Feb-19
BTS5434G INFINEON-BTS5434G Datasheet
427Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5234G INFINEON-BTS5234G Datasheet
411Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com