Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4007 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # 1N4007
Description  GENERAL PURPOSE SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

1N4007 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  1N4007 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. 1N4007 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4001 THRU 1N4007
GENERAL PURPOSE SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Case: JEDEC DO-41 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.012 ounce, 0.33 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Construction utilizes void-free
molded plastic technique
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Dimensions in inches and (millimeters)
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
1N
4001
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
1.1
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length at TA=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375
” (9.5mm)lead length,P.C.B. mounted
IR
5.0
50.0
RqJA
CJ
TJ,TSTG
50.0
15.0
-65 to +175
pF
C
A
u
Typical thermal resistance (NOTE 2)
C/W
1N
4002
1N
4004
1N
4003
1N
4005
1N
4007
1N
4006
DO-41
0.107 (2.7)
0.080 (2.0)
DIA.
0.028 (0.7)
DIA.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160(4.1)
1.0 (25.4)
MIN.
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
www.shunyegroup.com.cn


Similar Part No. - 1N4007

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1N4007 WILLAS-1N4007 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4007 EIC-1N4007 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007 MAKOSEMI-1N4007 Datasheet
97Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
More results

Similar Description - 1N4007

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE116 NTE-NTE116 Datasheet
18Kb / 2P
   General Purpose Silicon Rectifier
logo
Shanghai Shunye Electro...
1A1 SY-1A1 Datasheet
234Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1N4001S SY-1N4001S Datasheet
233Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201 SY-RL201 Datasheet
259Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
List of Unclassifed Man...
6A05 ETC1-6A05 Datasheet
744Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
10A05 ETC1-10A05 Datasheet
672Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
P600A-600M WINNERJOIN-P600A-600M Datasheet
185Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201-207 WINNERJOIN-RL201-207 Datasheet
173Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C_15 Datasheet
115Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Diotech Company.
1N4001G DIOTECH-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1A1 DIOTECH-1A1 Datasheet
681Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com