Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A1 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # 10A1
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

10A1 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  10A1 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. 10A1 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
0
4
50
S i n g l e P h a s e
H a l f W a v e 6 0 H Z
R e s i s t i v e o r
I n du c t i v e Loa d
6
8
10
12
100
75
125
175
150
0.01
0.02
0.06
0.04
20
0.4
TJ=25
Pulse width=300us
0.7
0.6
0.8
0.9
0.1
0.2
1.1
1.0
1.0
2
4
10
.2
10
.1
.4
1.0
2
100
200
4
10 20
40
100
f=1MHz
TJ=25
10A05---10A10
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- TYPICAL FORWARD CHARACTERISTICS
RATINGS AND CHARACTERISTIC CURVES
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
FIG.3 --MAXIMUM NON-REPETITIVE FORWARD
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
1
2
4
10
8
20
40
60 80 100
0
TJ=125
8.3ms Single Half
Sine-Wave
100
200
300
400
www.shunyegroup.com.cn


Similar Part No. - 10A1

ManufacturerPart #DatasheetDescription
logo
Bytes
10A1 BYTES-10A1 Datasheet
190Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Nantong Hornby Electron...
10A1 HORNBY-10A1 Datasheet
233Kb / 3P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Rugao Dachang Electroni...
10A1 DACHANG-10A1 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 10 A
logo
Formosa MS
10A1 FORMOSA-10A1 Datasheet
177Kb / 6P
   Axial Leaded General Purpose Rectifiers
logo
List of Unclassifed Man...
10A1 ETC1-10A1 Datasheet
574Kb / 2P
   10.0 Amps. General Purpose Plastic Rectifiers Voltage Range 50 to 1000 Volts Forward Current 10.0 Amperes
More results

Similar Description - 10A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com