Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C165-L25F Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SAB-C165-L25F
Description  16-Bit Single-Chip Microcontroller
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB-C165-L25F Datasheet(HTML) 4 Page - Infineon Technologies AG

  SAB-C165-L25F Datasheet HTML 1Page - Infineon Technologies AG SAB-C165-L25F Datasheet HTML 2Page - Infineon Technologies AG SAB-C165-L25F Datasheet HTML 3Page - Infineon Technologies AG SAB-C165-L25F Datasheet HTML 4Page - Infineon Technologies AG SAB-C165-L25F Datasheet HTML 5Page - Infineon Technologies AG SAB-C165-L25F Datasheet HTML 6Page - Infineon Technologies AG SAB-C165-L25F Datasheet HTML 7Page - Infineon Technologies AG SAB-C165-L25F Datasheet HTML 8Page - Infineon Technologies AG SAB-C165-L25F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
C165
Revision History:
2000-12
V2.0
Previous Version:
1998-12
Update 0.5
µ technology
01.96
3 Volt Addendum
07.95
25 MHz Addendum
09.94
Data Sheet
Page
Subjects (major changes since last revision)
All
Converted to Infineon layout
2
ROM derivatives removed, 25-MHz derivatives and 3 V derivatives
included
6ff
Pin numbers for TQFP added
14
Address window arbitration and master/slave mode introduced
32
New standard layout for section “Absolute Maximum Ratings”
33
Section “Operating Conditions” added
34f
Parameter “RSTIN pullup” replaced by “RSTIN current”
36f
DC Characteristics for reduced supply voltage added
38f
Separate specification for power consumption with greatly improved values
40ff
Description of clock generation improved
45, 55, 65
Timing adapted to 25 MHz
48, 58, 66
Timing for reduced supply voltage added
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
mcdocu.comments@infineon.com


Similar Part No. - SAB-C165-L25F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C165-LM SIEMENS-SAB-C165-LM Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
More results

Similar Description - SAB-C165-L25F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com