Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD301N Datasheet(PDF) 1 Page - Shunye Enterprise

Part # BD301N
Description  30 AMP BLOCK DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shunye Enterprise]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

BD301N Datasheet(HTML) 1 Page - Shunye Enterprise

  BD301N Datasheet HTML 1Page - Shunye Enterprise BD301N Datasheet HTML 2Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BD301N
THRU
BD301P
30 AMP BLOCK DIODES
特征
FEATURES
BLOCK DIODE
.大电流承受能力.High current capability
.高压利用能力.High voltage available
.玻璃被钝化的压模结构.Glass passivated die construction
.高浪涌承受能力.High surge current capability
.30A 工作在表面温度是 125℃,无热损耗的情况下.
30Ampere Operation At TL=125℃ With No Thermal Runaway
机械数据
MECHANICAL DATA
.BD301N 代表阴性的
BD301-N
N-Lead
,P-Case
.BD301P 代表阳性的
BD301-P
P-Lead
,N-Case
Dimension in millimeters
极限值和电参数
TA= 25℃除非另有规定. 单相,正半弦波,60HZ,阻抗或电感负载.为电容装载,减 少电流的 20%
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ Ambient temp. Unless otherwise specified.Single phase, half sine wave, 60HZ,resistive or inductive load.
For capacitive load, derate current by 20%
SYMBOL
BD301N
BD301P
UNITS
最大峰值反向电压
Maximum Current Peak Reverse Voltage
VRRM
100
100
Volts
最大反向有效电压
Maximum RMS Voltage
VRMS
70
70
Volts
最大直流阻断电压
Maximum DC Blocking Voltage
VDC
100
100
Volts
最大正向平均整流电流 TL=100℃
Maximum Average Forward Rectified
Current
I(AV)
30
Amps
正向峰值浪涌电流
Peak Forward Surge Current 8.3ms Single
Sine-wave on Rated Load (JEDEC Method)
IFSM
300
Amps
30A 直流电时最大正向瞬间电压降
Maximum Instantaneous Forward Voltage
Drop at 30A DC
VF
1.1
Volts
最大反向漏电流
Maximum DC Reverse Current
TA=25℃
at Rated DC Blocking Voltage
TA=100℃
IR
5
500
uA
典型热阻抗
Typical thermal resistance
RΘJA
1.0
℃/W
工作温度存储温度
Operating AND Storage Temperature Range
TSTG/ TJ
-55 to +150
www.shunyegroup.com.cn


Similar Part No. - BD301N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD301 ISC-BD301 Datasheet
247Kb / 2P
   isc Silicon NPN Power Transistor
logo
Rohm
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
More results

Similar Description - BD301N

ManufacturerPart #DatasheetDescription
logo
Shunye Enterprise
BD3005N SHUNYE-BD3005N Datasheet
196Kb / 2P
   30 AMP BLOCK DIODES
BD304N SHUNYE-BD304N Datasheet
205Kb / 2P
   30 AMP BLOCK DIODES
BD306N SHUNYE-BD306N Datasheet
205Kb / 2P
   30 AMP BLOCK DIODES
BD302N SHUNYE-BD302N Datasheet
205Kb / 2P
   30 AMP BLOCK DIODES
BD352N SHUNYE-BD352N Datasheet
232Kb / 2P
   35 AMP BLOCK DIODES
BD402N SHUNYE-BD402N Datasheet
241Kb / 2P
   40 AMP BLOCK DIODES
BD406N SHUNYE-BD406N Datasheet
233Kb / 2P
   40 AMP BLOCK DIODES
BD451N SHUNYE-BD451N Datasheet
232Kb / 2P
   45 AMP BLOCK DIODES
BD5005N SHUNYE-BD5005N Datasheet
233Kb / 2P
   50 AMP BLOCK DIODES
BD404N SHUNYE-BD404N Datasheet
232Kb / 2P
   40 AMP BLOCK DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com