Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS3410G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS3410G
Description  Smart Dual Lowside Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3410G Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS3410G Datasheet HTML 1Page - Infineon Technologies AG BTS3410G Datasheet HTML 2Page - Infineon Technologies AG BTS3410G Datasheet HTML 3Page - Infineon Technologies AG BTS3410G Datasheet HTML 4Page - Infineon Technologies AG BTS3410G Datasheet HTML 5Page - Infineon Technologies AG BTS3410G Datasheet HTML 6Page - Infineon Technologies AG BTS3410G Datasheet HTML 7Page - Infineon Technologies AG BTS3410G Datasheet HTML 8Page - Infineon Technologies AG BTS3410G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2004-03-05
Page 3
BTS 3410 G
Maximum Ratings at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Drain source voltage
VDS
42
V
Drain source voltage for short circuit protection1)
Tj = -40...150 °C
VDS(SC)
18
Continuous input current1)
-0.2V
£ VIN £ 10V
VIN < -0.2V or VIN > 10V
IIN
no limit
| IIN |
£ 2
mA
Operating temperature
Tj
-40 ...+150
°C
Storage temperature
Tstg
-55 ... +150
Power dissipation2)5)
TA = 85 °C
Ptot
0.8
W
Unclamped single pulse inductive energy1)
each channel
EAS
150
mJ
Load dump protection VLoadDump1)3) = VA + VS
VIN = 0 and 10 V, td = 400 ms, RI = 2 W,
RL = 9 W, VA = 13.5 V
VLD
50
V
Electrostatic discharge voltage1) (Human Body Model)
according to Jedec norm
EIA/JESD22-A114-B, Section 4
VESD
2
kV
Jedec humidity category,J-STD-20-B
MSL1
IEC climatic category; DIN EN 60068-1
40/150/56
Thermal resistance
junction - ambient: per channel
@ 6 cm2 cooling area2)
one channel on
both channels on
RthJA
100
160
K/W
1not subject to production test, specified by design
2 Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70µm thick) copper area for drain
connection. PCB mounted vertical without blown air.
3VLoaddump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
5 not subject to production test, calculated by RTHJA and Rds(on)


Similar Part No. - BTS3410G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3410G INFINEON-BTS3410G Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
More results

Similar Description - BTS3410G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3408G INFINEON-BTS3408G Datasheet
366Kb / 16P
   Smart Dual Lowside Power Switch
V1.0 2002-11-14
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com